Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS101C Datasheet(PDF) 3 Page - Vishay Siliconix

Part # LS101C
Description  Small Signal Schottky Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LS101C Datasheet(HTML) 3 Page - Vishay Siliconix

  LS101C Datasheet HTML 1Page - Vishay Siliconix LS101C Datasheet HTML 2Page - Vishay Siliconix LS101C Datasheet HTML 3Page - Vishay Siliconix LS101C Datasheet HTML 4Page - Vishay Siliconix LS101C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LS101A, LS101B, LS101C
Document Number 85628
Rev. 1.5, 05-Aug-10
Vishay Semiconductors
www.vishay.com
3
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Package Dimensions in millimeters (inches): QuadroMELF SOD-80
Figure 3. Forward Current vs. Forward Voltage
0.01
0.10
1.00
10.00
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
V
F - Forward Voltage (V)
16206
12071



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com