Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK730-010 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # STK730-010
Description  Self-excitation Type Semi-Regulated Switching Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STK730-010 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  STK730-010 Datasheet HTML 1Page - Inchange Semiconductor Company Limited STK730-010 Datasheet HTML 2Page - Inchange Semiconductor Company Limited STK730-010 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Thick Film Hybrid IC
INCHANGE
Specifications
Maximum Ratings at Ta=25℃, Tc=25℃ unless otherwise specified
Parameter
Symbol
Conditions
Ratings
UNIT
Operating substrate temperature
TC max
Recommended value is 105℃
115
℃
AC input voltage
VAC
Specified test circuit
140
Vrms
Operating temperature
Topr
-10 to+85
℃
Storage temperature
Tstg
-30 to+115
℃
Maximum output power
Wo max
Specified test circuit VO=135V
110
W
(TR1)
Drain current
ID
6
A
Pulse drain current
ID(Pulse)
20
A
Drain reverse current
IDR
6
A
Gate-source voltage
VGSS
±30
V
Allowable power dissipation
PD
78.1
W
Chip junction temperature
Tj max
150
℃
Thermal resistance
θj-c
1.6
℃/W
(ZD1)
Allowable power dissipation
PZD1
500
mW
Chip junction temperature
Tj(ZD1)max
125
℃
Thermal resistance
θj-c(ZD1)
0.2
℃/mW
Allowable operating ranges at Ta=25℃
Parameter
Symbol
Conditions
Ratings
UNIT
Pin 4 input voltage
V4
±8 to±24
V
Oscillator frequency
fOSC
20 to 120
kHz
Operating characteristics at Ta=25℃Tc=25℃
( unless otherwise specified,specified test circuits)
Parameter
Symbol
Conditions
min
Typ
max
UNIT
Output voltage setting
IIN=8mA
40.0
40.5
41.0
V
Output voltage temperature coefficient
TC=0 to 105℃, IIN=8mA
7
mV/℃
(TR1)
Drain-source breakdown voltage
V(BR)DSS
ID=10mA,VGS=0V
500
V
Gate-source cutoff voltage
VGS(off)
ID=1mA,VDS=10V
2.0
3.0
V
ON resistance
RDS(on)
ID=2.5A,VGS=10V
1.4
1.8
Ω
Input capacitance
Ciss
VDS=10V,VGS=0V,f=1MHz
800
pF
(ZD1)
Zener voltage
VZ
IZ=5mA
23.7
26.3
V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com