Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK730-010 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # STK730-010
Description  Self-excitation Type Semi-Regulated Switching Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STK730-010 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  STK730-010 Datasheet HTML 1Page - Inchange Semiconductor Company Limited STK730-010 Datasheet HTML 2Page - Inchange Semiconductor Company Limited STK730-010 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Thick Film Hybrid IC
INCHANGE
STK730-010
Self-excitation Type Semi-Regulated
Switching Regulator
Features
Package Dimensions
﹒Power MOSFET devices
unit:mm
﹒Ideal for semi-regulated control switching supplies
﹒Error detection circuit on-chip (40.5±0.5V
set reference voltage)
﹒Pin compatible with all other devices in the same
series of devices with 110 to 280W power ratings
﹒Higher oscillator frequency allows the use of
smaller pulse transformers
Applications
﹒CRT/CTV power supplies
﹒Office automation equipment power supplies
Block Diagram
Pin Functions
(1)
Vref(40.5V typ) input
(2)
Error detection level
(3)
Ground
(4)
Drive voltage input
(5)
TR1 gate
(6)
Amplifier circuit control
(7)
OCP setting level input
(8)
TR1 source
(9)
TR1 source
(11)
TR1 drain
(12)
TR1 drain


Similar Part No. - STK730-010

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK730-010 SANYO-STK730-010 Datasheet
126Kb / 6P
Self-Excitation Type Semi-Regulated Switching Regulator (110W Output)
STK730-010 SANYO-STK730-010 Datasheet
127Kb / 6P
Self-Excitation Type Semi-Regulated Switching Regulator (145W Output)?
STK730-010 SANYO-STK730-010 Datasheet
161Kb / 8P
Self-Excitation Type Semi-Regulated (World Spec) Switching Regulator (110W Output)?
STK730-010 SANYO-STK730-010 Datasheet
98Kb / 4P
Self-Excitation Type Semi-Regulated Switching Regulator (210W Output)?
More results

Similar Description - STK730-010

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR7000 SANKEN-STR7000 Datasheet
59Kb / 5P
Separate Excitation Switching Type
logo
Sanyo Semicon Device
STK730-010 SANYO-STK730-010 Datasheet
126Kb / 6P
Self-Excitation Type Semi-Regulated Switching Regulator (110W Output)
STK730-020 SANYO-STK730-020 Datasheet
127Kb / 6P
Self-Excitation Type Semi-Regulated Switching Regulator (145W Output)?
STK730-060 SANYO-STK730-060 Datasheet
161Kb / 8P
Self-Excitation Type Semi-Regulated (World Spec) Switching Regulator (110W Output)?
STK730-080 SANYO-STK730-080 Datasheet
98Kb / 4P
Self-Excitation Type Semi-Regulated Switching Regulator (210W Output)?
STK73903 SANYO-STK73903 Datasheet
120Kb / 6P
Self-Excitation Type Feedback Control Switching Regulator (180W Output)
STK73904 SANYO-STK73904 Datasheet
121Kb / 6P
Self-Excitation Type Feedback Control Switching Regulator (210W Output)
STK73907 SANYO-STK73907 Datasheet
150Kb / 7P
Self-Excitation Type Feedback (World Spec) Switching Regulator (180W Output)???
STK73908 SANYO-STK73908 Datasheet
151Kb / 7P
Self-Excitation Type Feedback (World Spec) Switching Regulator (210W Output)
logo
Inchange Semiconductor ...
STK73902 ISC-STK73902 Datasheet
128Kb / 3P
Self-excitation Type Feedback Control Switching Regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com