Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP147 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # TIP147
Description  Silicon PNP Darlington Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TIP147 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  TIP147 Datasheet HTML 1Page - Inchange Semiconductor Company Limited TIP147 Datasheet HTML 2Page - Inchange Semiconductor Company Limited TIP147 Datasheet HTML 3Page - Inchange Semiconductor Company Limited TIP147 Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Inchange Semiconductor
Product Specification
Silicon PNP Darlington Power Transistors
TIP145/146/147
DESCRIPTION
・With TO-3PN package
・DARLINGTON
・High DC current gain
・Complement to type TIP140/141/142
APPLICATIONS
・Designed for general–purpose amplifier and
low frequency switching applications.
PINNING
PIN
DESCRIPTION
1
Base
2
Collector;connected to
mounting base
3
Emitter
Absolute maximum ratings(Tc=25℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
TIP145
-60
TIP146
-80
VCBO
Collector-base voltage
TIP147
Open emitter
-100
V
TIP145
-60
TIP146
-80
VCEO
Collector-emitter voltage
TIP147
Open base
-100
V
VEBO
Emitter-base voltage
Open collector
-5
V
IC
Collector current-DC
-10
A
ICM
Collector current-peak
-15
A
IB
Base current-DC
-0.5
A
PC
Collector power dissipation
TC=25℃
125
W
Tj
Junction temperature
150
℃
Tstg
Storage temperature
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal resistance junction to case
1.0
℃/W
Rth j-A
Thermal resistance case to ambient
35.7
℃/W
Fig.1 simplified outline (TO-3PN) and symbol


Similar Part No. - TIP147

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP147 MOSPEC-TIP147 Datasheet
204Kb / 4P
POWER TRANSISTORS(10A,60-100V,125W)
logo
Motorola, Inc
TIP147 MOTOROLA-TIP147 Datasheet
234Kb / 6P
10 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP147 ONSEMI-TIP147 Datasheet
217Kb / 6P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
logo
Power Innovations Ltd
TIP147 POINN-TIP147 Datasheet
114Kb / 6P
PNP SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP147 STMICROELECTRONICS-TIP147 Datasheet
48Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Mar-2000
More results

Similar Description - TIP147

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6667 ONSEMI-2N6667 Datasheet
168Kb / 6P
DARLINGTON POWER TRANSISTORS(PNP SILICON )
April, 2002 ??Rev. 4
logo
NEC
2SB795 NEC-2SB795 Datasheet
149Kb / 3P
PNP SILICON DARLINGTON POWER TRANSISTORS
logo
Savantic, Inc.
2SB1255 SAVANTIC-2SB1255 Datasheet
122Kb / 3P
Silicon PNP Darlington Power Transistors
logo
Micro Commercial Compon...
TIP125 MCC-TIP125_11 Datasheet
224Kb / 2P
Silicon PNP Darlington Power Transistors
logo
Inchange Semiconductor ...
2SB1559 ISC-2SB1559 Datasheet
161Kb / 4P
Silicon PNP Darlington Power Transistors
2SB1625 ISC-2SB1625 Datasheet
142Kb / 3P
Silicon PNP Darlington Power Transistors
2SB1626 ISC-2SB1626 Datasheet
133Kb / 3P
Silicon PNP Darlington Power Transistors
2SB1647 ISC-2SB1647 Datasheet
139Kb / 3P
Silicon PNP Darlington Power Transistors
logo
Savantic, Inc.
2SB1588 SAVANTIC-2SB1588 Datasheet
144Kb / 3P
Silicon PNP Darlington Power Transistors
2SB1625 SAVANTIC-2SB1625 Datasheet
143Kb / 3P
Silicon PNP Darlington Power Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com