Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCL103C Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MCL103C
Description  Small Signal Schottky Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCL103C Datasheet(HTML) 1 Page - Vishay Siliconix

  MCL103C Datasheet HTML 1Page - Vishay Siliconix MCL103C Datasheet HTML 2Page - Vishay Siliconix MCL103C Datasheet HTML 3Page - Vishay Siliconix MCL103C Datasheet HTML 4Page - Vishay Siliconix MCL103C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MCL103A, MCL103B, MCL103C
Document Number 85632
Rev. 1.6, 05-Aug-10
Vishay Semiconductors
www.vishay.com
1
9612315
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Small Signal Schottky Diodes
Features
• Integrated protection ring against static
discharge
• Low capacitance
• Low leakage current
• Low forward voltage drop
• AEC-Q101 qualified
• Compliant to RoHS directive 2002/95/EC
and in accordance to WEEE 2002/96/EC
• Halogen-free
according
to
IEC
61249-2-21
definition
Applications
• IHF-Detector
• Protection circuit
• Small battery charger
• AC-DC/DC-DC converters
Mechanical Data
Case: MicroMELF
Weight: approx. 12 mg
Cathode band color: black
Packaging codes/options:
TR3/10 k per 13" reel (8 mm tape), 10 k/box
TR/2.5 k per 7" reel (8 mm tape), 12.5 k/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Part
Type differentiation
Ordering code
Remarks
MCL103A
VR = 40 V
MCL103A-TR3 or MCL103A-TR
Tape and Reel
MCL103B
VR = 30 V
MCL103B-TR3 or MCL103B-TR
Tape and Reel
MCL103C
VR = 20 V
MCL103C-TR3 or MCL103C-TR
Tape and Reel
Parameter
Test condition
Part
Symbol
Value
Unit
Reverse voltage
MCL103A
VR
40
V
MCL103B
VR
30
V
MCL103C
VR
20
V
Forward continuous current
IF
200
mA
Peak forward surge current
tp = 300 µs, square pulse
IFSM
15
A
Power dissipation
Ptot
400
mW
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to
ambient air
On PC board
50 mm x 50 mm x 1.6 mm
RthJA
250
K/W
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
- 65 to + 150
°C


Similar Part No. - MCL103C

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MCL103C DIOTEC-MCL103C Datasheet
55Kb / 2P
Surface mount Schottky-Barrier Diodes
logo
Vishay Siliconix
MCL103C VISHAY-MCL103C Datasheet
122Kb / 5P
Small Signal Schottky Diodes
07-Mar-06
logo
SEMTECH ELECTRONICS LTD...
MCL103C SEMTECH_ELEC-MCL103C Datasheet
190Kb / 2P
SILICON SCHOTTKY BARRIER DIODES
logo
GOOD-ARK Electronics
MCL103C GOOD-ARK-MCL103C Datasheet
96Kb / 2P
Small Signal Schottky Barrier Diodes
logo
Vishay Siliconix
MCL103C VISHAY-MCL103C Datasheet
150Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
More results

Similar Description - MCL103C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
SD103A MCC-SD103A Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAT42W-V VISHAY-BAT42W-V_10 Datasheet
63Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
SD101AW-V VISHAY-SD101AW-V_10 Datasheet
61Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
logo
Comchip Technology
CDBH3-00340-G COMCHIP-CDBH3-00340-G Datasheet
67Kb / 2P
Small Signal Schottky Diodes
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
Small Signal Schottky Diodes
logo
STMicroelectronics
TMMBAT48FILM STMICROELECTRONICS-TMMBAT48FILM Datasheet
67Kb / 5P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com