Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCL103C Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MCL103C
Description  Small Signal Schottky Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCL103C Datasheet(HTML) 3 Page - Vishay Siliconix

  MCL103C Datasheet HTML 1Page - Vishay Siliconix MCL103C Datasheet HTML 2Page - Vishay Siliconix MCL103C Datasheet HTML 3Page - Vishay Siliconix MCL103C Datasheet HTML 4Page - Vishay Siliconix MCL103C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MCL103A, MCL103B, MCL103C
Document Number 85632
Rev. 1.6, 05-Aug-10
Vishay Semiconductors
www.vishay.com
3
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Package Dimensions in millimeters (inches): MicroMELF
Figure 5. Typ. Non Repetitive Forward Surge Current vs.
Pulse width
0
5
10
15
20
25
0.1
1.0
10.0
t
P - Pulse width (ms)
16769
Cathode indification
surface plan
1 (0.039)
glass
2 (0.079)
1.8 (0.071)
0.25 (0.010)
0.15 (0.006)
> R2.5 (0.098)
Foot print recommendation:
Reflow soldering
Wave soldering
2.4 (0.094)
2.8 (0.110)
0.8 (0.031)
0.8 (0.031)
0.9 (0.035)
0.9 (0.035)
0.8 (0.031)
1 (0.039)
Document no.:6.560-5007.01-4
Rev. 13 - Date: 07.June.2006
96 12072
Created - Date: 26.July.1996
*
* The gap between plug and glass can
be either on cathode or anode side



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com