Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT62-07W Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # BAT62-07W
Description  Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAT62-07W Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BAT62-07W Datasheet HTML 1Page - Siemens Semiconductor Group BAT62-07W Datasheet HTML 2Page - Siemens Semiconductor Group BAT62-07W Datasheet HTML 3Page - Siemens Semiconductor Group BAT62-07W Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BAT 62-07W
Semiconductor Group
Sep-07-1998
4
Diode capacitance
CT = f (VR)
f = 1MHz
0
5
10
15
20
V
30
VR
0.0
0.1
0.2
0.3
0.4
pF
0.6
Reverse current
IR = f (VR)
TA = Parameter
0
5
10
15
20
25
30
V
40
VR
-1
10
0
10
1
10
2
10
3
10
uA
TA = 25°C
TA = 85°C
TA = 125°C
Rectifier voltage
Vout = f (Vin)
f = 900 MHz
RL = parameter in kΩ
10
0
10
1
10
2
10
3
10
4
mV
VI
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
10
mV
1000
500
200
100
50
20
RL=10
Testcircuit
D.U.T
RIN
RL
C L
1nF
50
V I
V0
Semiconductor Group
4
1998-11-01



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com