Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT62-07W Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BAT62-07W
Description  Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAT62-07W Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BAT62-07W Datasheet HTML 1Page - Siemens Semiconductor Group BAT62-07W Datasheet HTML 2Page - Siemens Semiconductor Group BAT62-07W Datasheet HTML 3Page - Siemens Semiconductor Group BAT62-07W Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAT 62-07W
Semiconductor Group
Sep-07-1998
1
Silicon Schottky Diode
• Low barrier diode for detectors up to GHz
frequencies
VPS05605
4
2
1
3
ESD: Electrostatic discharge sensitive device, observe handling precaution
Type
Marking Ordering Code
Package
Pin Configuration
4=A1
Q62702-A1198
BAT 62-07W
1=C1
2=C2
3=A2
SOT-343
62s
Maximum Ratings
Parameter
Symbol
Unit
Value
VR
40
Diode reverse voltage
V
20
mA
IF
Forward current
Total power dissipation,
TS = 103 °C
Ptot
100
mW
150
°C
Tj
Junction temperature
Storage temperature
Tstg
-55 ...+150
Thermal Resistance
K/W
RthJA
≤ 630
Junction - ambient
1)
Junction - soldering point
RthJS
≤ 470
Semiconductor Group
1
1998-11-01


Similar Part No. - BAT62-07W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAT62-07W INFINEON-BAT62-07W Datasheet
519Kb / 9P
Silicon Schottky Diode
Apr-22-2004
BAT62-07W INFINEON-BAT62-07W Datasheet
95Kb / 4P
Silicon Schottky Diode
Oct-07-1999
logo
Guangdong Kexin Industr...
BAT62-07W KEXIN-BAT62-07W Datasheet
36Kb / 1P
Silicon Schottky Diode
logo
Infineon Technologies A...
BAT62-07W INFINEON-BAT62-07W Datasheet
209Kb / 18P
Silicon Schottky Diode
2007-04-19
BAT62-07W INFINEON-BAT62-07W Datasheet
1Mb / 19P
Low barrier diode for detectors up to GHz frequencies
2014-02-13
More results

Similar Description - BAT62-07W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT30 SIEMENS-BAT30 Datasheet
247Kb / 2P
silicon schottky diode (RF detector, Low-power mixer, Zerobias, Very low capacitance, for frequencies up to 25 GHz)
BAT62-02W SIEMENS-BAT62-02W Datasheet
26Kb / 4P
Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies)
BAT62-03W SIEMENS-BAT62-03W Datasheet
39Kb / 4P
Silicon Schottky Diode (Low Barrier diode for detectors up to GHz frequencies)
BAT62 SIEMENS-BAT62 Datasheet
79Kb / 3P
Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies.)
BAT63-099R SIEMENS-BAT63-099R Datasheet
87Kb / 4P
Silicon Schottky Diodes (Zero bias diode array for mixer and detectors up to GHz frequencies Crossover ring quad)
BAT63 SIEMENS-BAT63 Datasheet
114Kb / 3P
Silicon Schottky Diode (Low barrier diode for mixer and detectors up to GHz frequencies)
logo
Agilent(Hewlett-Packard...
423B HP-423B Datasheet
372Kb / 4P
Low Barrier Schottky Diode Detectors
logo
Infineon Technologies A...
BAT6203WE6327 INFINEON-BAT6203WE6327 Datasheet
1Mb / 18P
Low barrier diode for detectors up to GHz frequencies
2011-06-15
BAT62 INFINEON-BAT62_14 Datasheet
1Mb / 19P
Low barrier diode for detectors up to GHz frequencies
2014-02-13
BAT63 INFINEON-BAT63 Datasheet
889Kb / 9P
Low barrier diode for detectors up to GHz frequencies
2011-06-15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com