Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

423B Datasheet (PDF) - Agilent(Hewlett-Packard)

423B Datasheet PDF - Agilent(Hewlett-Packard)
Part # 423B
Download  423B Download
File Size   372.0 Kbytes
Page   4 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Low Barrier Schottky Diode Detectors

423B Datasheet (PDF)

Go To PDF Page Download Datasheet
423B Datasheet PDF - Agilent(Hewlett-Packard)

Part # 423B
Download  423B Click to download

File Size   372.0 Kbytes
Page   4 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Low Barrier Schottky Diode Detectors

423B Datasheet (HTML) - Agilent(Hewlett-Packard)


423B Product details

Low Barrier Schottky Diode Detectors

Agilent offers a complete family of high performance Low Barrier Schottky Diode Detectors which cover the 10 MHz to 26.5 GHz frequency range. These general purpose components are widely used for CW and pulsed power detection, leveling of sweepers, and frequencyresponse testing of other microwave components. These detectors do not require a dc bias and can be used with common oscilloscopes, thus their simplicity of operation and excellent broadband performance make them useful measurement accessories.
These detectors use a Low-Barrier Schottky Diode (LBSD), specially fabricated with low origin resistance and low junction capacitance. This results in improved broadband flatness and SWR over point-contact diode detectors, thus yielding more accurate measurements. These detectors also offer very good ruggedness and burnout protection. As with all Agilent detectors, these models integrate the diode with the other circuit elements thus minimizing stray reactances and optimizing broadband performance. For economical field repair, replaceable detector modules are available.

• Excellent broadband flatness
• Low broadband SWR
• High burnout protection
• Environmentally rugged
• Field replaceable diode elements




Similar Part No. - 423B

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
423 DBLECTRO-423 Datasheet
314Kb / 1P
SMD pins for LED connector
logo
Bi technologies
423 BITECH-423 Datasheet
255Kb / 3P
Precision Potentiometer / Position Sensor
logo
TT Electronics.
423 TTELEC-423 Datasheet
1Mb / 4P
Linear Precision Potentiometer
04/2019
logo
Adafruit Industries
423 ADAFRUIT-423 Datasheet
315Kb / 1P
Foot Switch
9-19-22
logo
English Chain Co. Ltd
423 13 ENGLISHCHAIN-423 13 Datasheet
348Kb / 7P
SMALL CHAINS AND FITTINGS
More results


Similar Description - 423B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT62-02W SIEMENS-BAT62-02W Datasheet
26Kb / 4P
Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies)
BAT62-03W SIEMENS-BAT62-03W Datasheet
39Kb / 4P
Silicon Schottky Diode (Low Barrier diode for detectors up to GHz frequencies)
BAT62-07W SIEMENS-BAT62-07W Datasheet
33Kb / 4P
Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies)
BAT62 SIEMENS-BAT62 Datasheet
79Kb / 3P
Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies.)
BAT63 SIEMENS-BAT63 Datasheet
114Kb / 3P
Silicon Schottky Diode (Low barrier diode for mixer and detectors up to GHz frequencies)
logo
Advanced Semiconductor
5082-2794 ASI-5082-2794 Datasheet
22Kb / 1P
SCHOTTKY LOW BARRIER DIODE
logo
Sanyo Semicon Device
SB3003CH SANYO-SB3003CH Datasheet
43Kb / 3P
Low IR Schottky Barrier Diode Low IR Schottky Barrier Diode
logo
Infineon Technologies A...
BAT6203WE6327 INFINEON-BAT6203WE6327 Datasheet
1Mb / 18P
Low barrier diode for detectors up to GHz frequencies
2011-06-15
BAT62 INFINEON-BAT62_14 Datasheet
1Mb / 19P
Low barrier diode for detectors up to GHz frequencies
2014-02-13
BAT63 INFINEON-BAT63 Datasheet
889Kb / 9P
Low barrier diode for detectors up to GHz frequencies
2011-06-15
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com