Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

423B Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # 423B
Description  Low Barrier Schottky Diode Detectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

423B Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  423B Datasheet HTML 1Page - Agilent(Hewlett-Packard) 423B Datasheet HTML 2Page - Agilent(Hewlett-Packard) 423B Datasheet HTML 3Page - Agilent(Hewlett-Packard) 423B Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Agilent 423B, 8470B, 8472B, 8473B/C
Low Barrier Schottky Diode Detectors
Data Sheet
Excellent broadband flatness
Low broadband SWR
High burnout protection
Environmentally rugged
Field replaceable diode elements
Agilent offers a complete family of high performance Low Barrier Schottky Diode
Detectors which cover the 10 MHz to 26.5 GHz frequency range. These general
purpose components are widely used for CW and pulsed power detection,
leveling of sweepers, and frequencyresponse testing of other microwave compo-
nents. These detectors do not require a dc bias and can be used with common
oscilloscopes, thus their simplicity of operation and excellent broadband perfor-
mance make them useful measurement accessories.
These detectors use a Low-Barrier Schottky Diode (LBSD), specially fabricated
with low origin resistance and low junction capacitance. This results in
improved broadband flatness and SWR over point-contact diode detectors,
thus yielding more accurate measurements. These detectors also offer very
good ruggedness and burnout protection. As with all Agilent detectors, these
models integrate the diode with the other circuit elements thus minimizing stray
reactances and optimizing broadband performance. For economical field repair,
replaceable detector modules are available.
Figure 1. Diode V/I characteristics
50 µA/div
50 mV/div
Typical
LBSD
Typical
Schottky
Diode
I
V
Agilent 423B
Agilent 8470B
Agilent 8472B
Agilent 8473B
Agilent 8473C


Similar Part No. - 423B

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
423 DBLECTRO-423 Datasheet
314Kb / 1P
SMD pins for LED connector
logo
Bi technologies
423 BITECH-423 Datasheet
255Kb / 3P
Precision Potentiometer / Position Sensor
logo
TT Electronics.
423 TTELEC-423 Datasheet
1Mb / 4P
Linear Precision Potentiometer
04/2019
logo
Adafruit Industries
423 ADAFRUIT-423 Datasheet
315Kb / 1P
Foot Switch
9-19-22
logo
English Chain Co. Ltd
423 13 ENGLISHCHAIN-423 13 Datasheet
348Kb / 7P
SMALL CHAINS AND FITTINGS
More results

Similar Description - 423B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT62-02W SIEMENS-BAT62-02W Datasheet
26Kb / 4P
Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies)
BAT62-03W SIEMENS-BAT62-03W Datasheet
39Kb / 4P
Silicon Schottky Diode (Low Barrier diode for detectors up to GHz frequencies)
BAT62-07W SIEMENS-BAT62-07W Datasheet
33Kb / 4P
Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies)
BAT62 SIEMENS-BAT62 Datasheet
79Kb / 3P
Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies.)
BAT63 SIEMENS-BAT63 Datasheet
114Kb / 3P
Silicon Schottky Diode (Low barrier diode for mixer and detectors up to GHz frequencies)
logo
Advanced Semiconductor
5082-2794 ASI-5082-2794 Datasheet
22Kb / 1P
SCHOTTKY LOW BARRIER DIODE
logo
Sanyo Semicon Device
SB3003CH SANYO-SB3003CH Datasheet
43Kb / 3P
Low IR Schottky Barrier Diode Low IR Schottky Barrier Diode
logo
Infineon Technologies A...
BAT6203WE6327 INFINEON-BAT6203WE6327 Datasheet
1Mb / 18P
Low barrier diode for detectors up to GHz frequencies
2011-06-15
BAT62 INFINEON-BAT62_14 Datasheet
1Mb / 19P
Low barrier diode for detectors up to GHz frequencies
2014-02-13
BAT63 INFINEON-BAT63 Datasheet
889Kb / 9P
Low barrier diode for detectors up to GHz frequencies
2011-06-15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com