Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL21084T Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SSL21084T
Description  GreenChip drivers for LED lighting
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL21084T Datasheet(HTML) 5 Page - NXP Semiconductors

  SSL21084T Datasheet HTML 1Page - NXP Semiconductors SSL21084T Datasheet HTML 2Page - NXP Semiconductors SSL21084T Datasheet HTML 3Page - NXP Semiconductors SSL21084T Datasheet HTML 4Page - NXP Semiconductors SSL21084T Datasheet HTML 5Page - NXP Semiconductors SSL21084T Datasheet HTML 6Page - NXP Semiconductors SSL21084T Datasheet HTML 7Page - NXP Semiconductors SSL21084T Datasheet HTML 8Page - NXP Semiconductors SSL21084T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
SSL21081T_2T_3T_4T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 2 — 6 December 2011
5 of 24
NXP Semiconductors
SSL21081T/2T/3T/4T
GreenChip drivers for LED lighting
7.2 Pin description
8.
Functional description
8.1 Converter operation
The converter in the SSL2108X is a Boundary Conduction Mode (BCM), peak current
controlled system. For the basic application diagram see Figure 4, for the waveforms see
Figure 5. This converter type operates at the boundary between continuous and
discontinuous mode. Energy is stored in inductor L each period that the switch is on. The
inductor current IL is zero when the internal MOSFET switch is switched on. Thereafter,
the amplitude of the current build-up in L is proportional to VIN VOUT and the time that the
internal MOSFET switch is on. When the internal MOSFET switch is switched off, the
current continues to flow through the freewheel diode and the output capacitor. The
current then falls at a rate proportional to the value of VOUT. The LED current ILED is
almost equal to half the peak switch current. A new cycle is started, as soon as the
inductor current IL is zero.
Table 4.
Pin description
Symbol
Pin (SO8)
SSL2108X
Pin (SO12)
SSL2108X
Description
HV
1
1
high-voltage supply pin
SOURCE
2
3
low-side internal switch
VCC
3
4
supply voltage
NTC
4
5
LED temperature protection input
GND
6, 7
2,6,7,10,11
ground
DVDT
5
9
AC supply pin
TONMAX
-
8
brownout protection timer input
DRAIN
8
12
high-side internal switch
Fig 4.
Basic application diagram SSL2108X (SO8 variant)
001aan693
5
Rinrush
8
42
NTC
6, 7
GND
SOURCE
NTC
Rsense
L
DVDT
DRAIN
Vsec
LEDs
1
3
HV
VCC
SSL2108X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com