Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL21084T Datasheet(PDF) 17 Page - NXP Semiconductors

Part # SSL21084T
Description  GreenChip drivers for LED lighting
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL21084T Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button SSL21084T Datasheet HTML 13Page - NXP Semiconductors SSL21084T Datasheet HTML 14Page - NXP Semiconductors SSL21084T Datasheet HTML 15Page - NXP Semiconductors SSL21084T Datasheet HTML 16Page - NXP Semiconductors SSL21084T Datasheet HTML 17Page - NXP Semiconductors SSL21084T Datasheet HTML 18Page - NXP Semiconductors SSL21084T Datasheet HTML 19Page - NXP Semiconductors SSL21084T Datasheet HTML 20Page - NXP Semiconductors SSL21084T Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
SSL21081T_2T_3T_4T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 2 — 6 December 2011
17 of 24
NXP Semiconductors
SSL21081T/2T/3T/4T
GreenChip drivers for LED lighting
Fig 10. Package outline SOT1196-1 (SOT12)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1196-1
- - -
MS-012 Compliant
- - -
sot1196-1_po
11-02-15
11-02-16
Unit
mm
max
nom
min
1.75
0.25
0.18
0.10
0.25
0.49
0.43
0.36
0.25
0.22
0.10
8.75
8.65
8.55
2.54
1.27
1.05
0.25
0.7
0.5
0.3
A
Dimensions
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic interlead protrusions of 0.25 mm maximum per side are not included.
SO12: plastic small outline package; 12 leads; body width 3.9 mm
SOT1196-1
A1
A2
1.45
1.35
1.25
A3
bp
cD(1)
8°
4°
0°
E(1)
4.0
3.9
3.8
e1
e2
HE
6.2
6.0
5.8
LLp
1.0
0.7
0.4
Q
0.70
0.65
0.60
v
0.25
w
0.1
yZ(2)
θ
01234
5 mm
scale
detail X
A
A1
A2
A3
L
Lp
θ
D
y
E
c
HE
A
X
vA
12
7
16
Z
bp
e2
e1
w
pin 1 index



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com