Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9232 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT9232
Description  Operation Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9232 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT9232 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9232 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9232 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9232 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9232 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9232 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9232 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9232 Datasheet HTML 9Page - Holtek Semiconductor Inc HT9232 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Package Information
5-pin TSOT23-5 Outline Dimensions
· MO-193C
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
¾¾
0.043
A1
0.000
¾
0.004
A2
0.028
¾
0.039
b
0.012
¾
0.020
C
0.003
¾
0.008
D
¾
0.114
¾
E
¾
0.110
¾
E1
0.063
e
¾
0.037
¾
e1
0.075
L
0.012
¾
0.024
L1
¾
0.024
¾
q
0
°¾
8
°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
¾¾
1.10
A1
0.00
¾
0.10
A2
0.70
¾
1.00
b
0.30
¾
0.50
C
0.08
¾
0.20
D
¾
2.90
¾
E
¾
2.80
¾
E1
1.60
e
¾
0.95
¾
e1
¾
1.90
L
0.30
¾
0.60
L1
¾
0.60
¾
q
0
°¾
8
°
HT9231/HT9232/HT9234
Rev. 1.10
6
June 2, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com