Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9232 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT9232
Description  Operation Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9232 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT9232 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9232 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9232 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9232 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9232 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9232 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9232 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9232 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9232 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
HT9231/HT9232/HT9234
Operation Amplifier
Selection Table
Part No.
Amplifiers
Package
HT9231
1
TSOT23-5
HT9232
2
8DIP/SOP
HT9234
4
14DIP/SOP
Block Diagram
Rev. 1.10
1
June 2, 2010
Features
· Operating Voltage: 2.0V to 5.5V
· Supply Current: 220mA/amplifier typical
· Rail-to-Rail Output
· Gain Bandwidth: 2.3MHz typical
· Unity Gain Stable
· Available in Single, Dual and Quad Op¢s package
types
· Package type:
HT9231: TSOT23-5
HT9232: 8-pin DIP/SOP
HT9234: 14-pin DIP/SOP
Applications
· Automotive
· Portable Equipment
· Photo diode Amplifier
· Analog Filters
· Notebooks and PDAs
· Battery Powered Systems
General Description
The Holtek HT9231/HT9232/HT9234 range of
Operational Amplifiers operate with a single supply
voltage as low as 2.0V and offer a low supply current of
only 220
mA/amplifier. In offering rail-to-rail output
voltage the devices can operate with a maximum
voltage range. The devices also provide a gain
bandwidth product of 2.3MHz and are also unity gain
stable. These products are suitable for a wide range of
analog signal processing applications but especially
suitable for the portable device and battery powered
equipment application areas.
1 O U T
1 I N -
1 I N +
V D D
2 I N +
2 I N -
2 O U T
4 O U T
4 I N -
4 I N +
V S S
3 I N +
3 I N -
3 O U T


Similar Part No. - HT9232

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9232 HOLTEK-HT9232 Datasheet
121Kb / 14P
Operation Amplifier
More results

Similar Description - HT9232

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL9002N ETC1-IL9002N Datasheet
47Kb / 2P
OPERATION AMPLIFIER
logo
Sharp Corporation
IR94559 SHARP-IR94559 Datasheet
120Kb / 3P
Low Noise Dual Operation Amplifier
logo
Fairchild Semiconductor
RC4741 FAIRCHILD-RC4741 Datasheet
293Kb / 7P
General Purpose Operation Amplifier
logo
National Semiconductor ...
MNLM101A-X NSC-MNLM101A-X Datasheet
32Kb / 5P
OPERATION AMPLIFIER
logo
Renesas Technology Corp
HA1630Q04 RENESAS-HA1630Q04 Datasheet
458Kb / 24P
Low Voltage Operation CMOS Quad Operational Amplifier
logo
Holtek Semiconductor In...
HT9231 HOLTEK-HT9231 Datasheet
121Kb / 14P
Operation Amplifier
HT9291 HOLTEK-HT9291 Datasheet
122Kb / 14P
TinyPower Operation Amplifier
HT9291_1010 HOLTEK-HT9291_1010 Datasheet
158Kb / 14P
TinyPower Operation Amplifier
logo
Seiko Instruments Inc
S19610A SII-S19610A Datasheet
782Kb / 18P
FOR AUTOMOTIVE 125C OPERATION CMOS OPERATIONAL AMPLIFIER
logo
Jingjing Microelectroni...
EG324 EGMICRO-EG324 Datasheet
823Kb / 16P
Four-dImensIonal independent operation amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com