Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9294 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT9294
Description  TinyPower Operation Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9294 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT9294 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9294 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9294 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9294 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9294 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9294 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9294 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9294 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9294 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
HT9291/HT9292/HT9294
TinyPowerTM Operation Amplifier
Selection Table
Part No.
Amplifiers
Package
HT9291
1
TSOT23-5
HT9292
2
8DIP/SOP
HT9294
4
14DIP/SOP
Block Diagram
Rev. 1.10
1
October 12, 2010
Features
· Wide operating voltage: 1.4V to 5.5V
· Low quiescent current: typical 0.6mA/amplifier
· Rail-to-Rail output
· Gain bandwidth: 11kHz typical
· Unity gain stable
· Available in Single, Dual and Quad OP¢s package
types
· Package type:
HT9291: TSOT23-5
HT9292: 8-pin DIP/SOP
HT9294: 14-pin DIP/SOP
Applications
· Wearable products
· Temperature measurement
· Battery powered products
· Portable equipment
· Low power sensors
General Description
The Holtek HT9291/HT9292/HT9294 range of Low
Power Operation Amplifiers offer the advantage of a sin-
gle supply voltage down to as low as 1.4V as well as the
advantages of an extremely low quiescent current of
only 0.6
mA/amplifier. One other major advantage of
these devices lie in their rail-to-rail voltage operation for
maximum range. The devices also provide a typical gain
bandwidth product of 11kHz and are also unity gain sta-
ble. The devices are available in a range of packages
according the number of internal amplifiers. The special
characteristics of these devices will ensure their excel-
lent use in applications with stringent low power de-
mands such as portable products, battery powered
equipment, low power sensor signal processing etc.
1 O U T
1 I N -
1 I N +
V D D
2 I N +
2 I N -
2 O U T
4 O U T
4 I N -
4 I N +
V S S
3 I N +
3 I N -
3 O U T


Similar Part No. - HT9294

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9294 HOLTEK-HT9294 Datasheet
122Kb / 14P
TinyPower Operation Amplifier
More results

Similar Description - HT9294

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL9002N ETC1-IL9002N Datasheet
47Kb / 2P
OPERATION AMPLIFIER
logo
Fairchild Semiconductor
RC4741 FAIRCHILD-RC4741 Datasheet
293Kb / 7P
General Purpose Operation Amplifier
logo
Holtek Semiconductor In...
HT70XXA-1 HOLTEK-HT70XXA-1 Datasheet
161Kb / 16P
TinyPower Voltage Detector
January 26, 2006
logo
National Semiconductor ...
MNLM101A-X NSC-MNLM101A-X Datasheet
32Kb / 5P
OPERATION AMPLIFIER
logo
Holtek Semiconductor In...
HT71A3324 HOLTEK-HT71A3324 Datasheet
62Kb / 6P
TinyPower LDO with Detector
December 29, 2009
HT9231 HOLTEK-HT9231 Datasheet
121Kb / 14P
Operation Amplifier
HT9291 HOLTEK-HT9291 Datasheet
122Kb / 14P
TinyPower Operation Amplifier
HT9231_1006 HOLTEK-HT9231_1006 Datasheet
152Kb / 14P
Operation Amplifier
June 2, 2010
logo
ON Semiconductor
FAN49101 ONSEMI-FAN49101 Datasheet
484Kb / 4P
TinyPower I2C Buck-Boost Regulator
September 2016 Rev.1.1
FAN49103 ONSEMI-FAN49103 Datasheet
1Mb / 21P
TinyPower I2C Buck-Boost Regulator
December 2017 Rev.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com