Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABM2 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABM2
Description  CERAMIC SMD MICROPROCESSOR CRYSTAL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABM2 Datasheet(HTML) 1 Page - Abracon Corporation

  ABM2 Datasheet HTML 1Page - Abracon Corporation ABM2 Datasheet HTML 2Page - Abracon Corporation ABM2 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
|||||||||||| | | |
ABM2
8.0 x 4.5 x 1.4m m
CERAMIC SMD MICROPROCESSOR CRYSTAL
STANDARD SPECIFICATIONS:
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 11.29.11
Visitwww.abracon.comfor Terms & Conditions of Sale
RoHS
Compliant
Pb in Glass
(exempt per RoHS 2002/95/EC Annex (5))
FEATURES:
• Low in height; suitable for thin equipment
• Glass sealed package assures high reliability and high temperature operation
• Tight tolerance and stability available
• Suitable for RoHS compliant reflow
• Low cost glass sealed crystal solution
APPLICATIONS:
• High density applications
• Modems, communication and test equipment
• PMCIA, Wireless applications
• Microprocessor crystals
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Parameters
Minimum
Typical
Maximum
Units
Notes
Frequency Range
7.3728
-----
100.000
MHz
Fundamental
Operation mode
7.3728
-----
40.000
Fundamental AT-
cut (Standard)
40.001
-----
100.000
3rd OT AT-cut
(Standard)
40.001
-----
60.000
Fundamental AT-
cut (See options)
Operating Temperature
-10
-----
+60
ºC
See options
Storage Temperature
-40
-----
+85
ºC
Frequency Tolerance @+25°C
-50
-----
+50
ppm
See options
Frequency Stability over the Operating
Temperature ( ref. to +25°C)
-50
-----
+50
ppm
See options
Equivalent series resistance
-----
-----
250
Ω
7.3728 – 7.999MHz
(Fundamental)
-----
-----
100
8.000 – 10.000999MHz
(Fundamental)
-----
-----
60
10.001 – 15.999999MHz
(Fundamental)
-----
-----
50
16.000 – 60.000999MHz
(Fundamental)
-----
-----
70
40.000 – 100.000999MHz
(3rd OT)
Shunt capacitance (C0)
-----
-----
7
pF
-----
Load capacitance (CL)
-----
18
-----
pF
See options
Drive Level
-----
10
100
µW
Aging @ 25°C±3°C
-----
-----
±5
ppm
First year
Insulation Resistance
500
-----
-----
MΩ
@ 100Vdc
Moisture Sensitivity Level (MSL) – This product is Hermetically Sealed and not Moisture Sensitive - MSL = N/A: Not Applicable


Similar Part No. - ABM2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM2 ABRACON-ABM2 Datasheet
466Kb / 1P
CERAMIC SURFACE MOUNT MINIATURE
ABM2 ABRACON-ABM2 Datasheet
194Kb / 2P
CERAMIC SMD MICROPROCESSOR CRYSTAL
08.08.07
logo
M-System Co.,Ltd.
ABM2 MSYSTEM-ABM2 Datasheet
219Kb / 7P
Final Control Elements
ABM2-B4W6A1-M2 MSYSTEM-ABM2-B4W6A1-M2 Datasheet
219Kb / 7P
Final Control Elements
ABM2-B4W6A1-M2/Q MSYSTEM-ABM2-B4W6A1-M2/Q Datasheet
219Kb / 7P
Final Control Elements
More results

Similar Description - ABM2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM2 ABRACON-ABM2_07 Datasheet
194Kb / 2P
CERAMIC SMD MICROPROCESSOR CRYSTAL
08.08.07
ABM7 ABRACON-ABM7_07 Datasheet
197Kb / 2P
CERAMIC SMD MICRO MINIATURE MICROPROCESSOR CRYSTAL
08.20.07
ABM7-12.000MHZ-D-2-Y-T ABRACON-ABM7-12.000MHZ-D-2-Y-T Datasheet
1Mb / 2P
CERAMIC SMD MICRO MINIATURE MICROPROCESSOR CRYSTAL
12.13.10
logo
TEMEX
RHC-49US TEMEX-RHC-49US Datasheet
442Kb / 5P
SMD Microprocessor Crystal
logo
Abracon Corporation
ABLS6M ABRACON-ABLS6M Datasheet
3Mb / 4P
SMD MICROPROCESSOR CRYSTAL
01.29.15
ABLS7M ABRACON-ABLS7M Datasheet
3Mb / 4P
SMD MICROPROCESSOR CRYSTAL
01.06.15
ABM2 ABRACON-ABM2_15 Datasheet
1Mb / 4P
CERAMIC SMD MICROPROCESSOR CRYSTAL
08.13.14
ABMC2 ABRACON-ABMC2_15 Datasheet
872Kb / 3P
SMD MICROPROCESSOR CRYSTAL
08.19.10
ABLS7M2 ABRACON-ABLS7M2 Datasheet
3Mb / 4P
SMD MICROPROCESSOR CRYSTAL
01.28.15
ABM4AAIG ABRACON-ABM4AAIG Datasheet
4Mb / 4P
Automotive Grade Ceramic SMD Low Profile Microprocessor Crystal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com