Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABM2 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ABM2
Description  CERAMIC SMD MICROPROCESSOR CRYSTAL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABM2 Datasheet(HTML) 2 Page - Abracon Corporation

  ABM2 Datasheet HTML 1Page - Abracon Corporation ABM2 Datasheet HTML 2Page - Abracon Corporation ABM2 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
|||||||||||| | | |
ABM2
8.0 x 4.5 x 1.4m m
CERAMIC SMD MICROPROCESSOR CRYSTAL
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 11.29.11
Visitwww.abracon.comfor Terms & Conditions of Sale
RoHS
Compliant
Pb in Glass
(exempt per RoHS 2002/95/EC Annex (5))
OPTIONS AND PART IDENTIFICATION:
(Left blank if standard)
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
ABM2-
MHz - -
-
- -
Packaging
Blank: Bulk
T: 1k or 2kpcs/reel
T2: 250pcs/reel
Frequency in MHz
e.g. 8.000MHz
14.31818MHz
26.000MHz
Load Capacitance (pF)
Please specify CL in pF
(8 to 33pF) or S for series
Please contact ABRACON for
other values
Mode
F: Fund AT for >40MHz
Custom ESR if other
than standard
R□
□: Specify a value in Ω
(e.g.: R40)
Freq. Stability
U: ± 10 ppm(*)
G: ± 15 ppm(**)
X: ± 20 ppm
W: ± 25 ppm
Y: ± 30 ppm
H: ± 35 ppm
A: ± 80 ppm
Q: ± 100 ppm
V: ± 120 ppm
P: ± 150 ppm
Freq. Tolerance
1: ± 10 ppm
7: ± 15 ppm
2: ± 20 ppm
3: ± 25 ppm
4: ± 30 ppm
Operating Temp.
E: 0°C ~ +70°C
B: -20°C ~ +70°C
C: -30°C ~ +70°C
N: -30°C ~ +85°C
D: -40°C ~ +85°C
J(***): -40°C ~ +105°C
K(****): -40°C ~ +125°C
L(*****): -55°C ~ +125°C
(*) -10°C to 60°C only.
(**) -10°C to 60°C, E, and B only
(***) ±50 ppm, A,Q,V, or P only
(****) Q, V, or P only for F≥10MHz
V, P only for F<10MHz
(*****) Contact Abracon for availability



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com