Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP11203 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # SIP11203
Description  Synchronous Rectifier Driver with Power Up/Down Control, Output OVP, Error Amplifier and Precision Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP11203 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button SIP11203 Datasheet HTML 9Page - Vishay Siliconix SIP11203 Datasheet HTML 10Page - Vishay Siliconix SIP11203 Datasheet HTML 11Page - Vishay Siliconix SIP11203 Datasheet HTML 12Page - Vishay Siliconix SIP11203 Datasheet HTML 13Page - Vishay Siliconix SIP11203 Datasheet HTML 14Page - Vishay Siliconix SIP11203 Datasheet HTML 15Page - Vishay Siliconix SIP11203 Datasheet HTML 16Page - Vishay Siliconix SIP11203 Datasheet HTML 17Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Document Number: 73868
S11-0975–Rev. C, 16-May-11
www.vishay.com
13
Vishay Siliconix
SiP11203, SiP11204
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
The Figure 8 below shows how the rising edge delay is
implemented in conjunction with the Si9122 and allows
the effective BBM2 and BBM4 falling delays to be
modified independently of rising delays BBM1 and
BBM3. For definition of the BBM delays please see the
Si9122 datasheet
.
OUTPUT OVER-VOLTAGE PROTECTION
The SiP11203/SiP11204 provide output over-voltage
protection (OVP) by means of a dedicated internal
comparator. One input of the OVP comparator is
brought out to the OVPIN pin, and the other is returned
to an internal reference voltage that is fixed at 120 %
of the 1.225 V VREF value, or 1.47 V. A voltage in
excess of 1.47 V at the OVPIN pin indicates an OVP
fault.
The OVP circuitry operates in two different ways,
depending upon whether the SiP11203/SiP11204 is in
start-up mode, or in normal operation. In this context,
start-up mode is defined as device operation during
that period for which VREF is less than 90 % of its 1.225 V
value, or 1.1 V.
Start-Up Mode:
If the 1.47 V OVP threshold is exceeded during start-
up, the driver outputs OUTA and OUTB are held low
until the voltage on the VREF pin has exceeded 1.1 V.
The driver outputs are then released to respond to INA
and INB.
Normal Operation Mode:
If the OVP threshold is exceeded, or remains
exceeded, after VREF has reached 1.1 V, the OVP latch
will be set. This will cause the driver outputs to be
forced high for SiP11203, or forced low for SiP11204.
At the same time, an on-chip transistor will discharge
the bypass capacitor at the VREF pin towards ground.
The OVP latch is reset when the logical and of two
conditions:
• The voltage on the VREF pin must be 20 % (245 mV)
of its nominal 1.225 V level, to ensure an orderly
soft-start cycle when operation resumes, and
• The voltage at the OVPIN pin must be 1.1 V,
indicating that the OVP fault has been cleared.
When the OVP latch is reset, the SiP11203/SiP11204
will release their outputs, and return to normal
operation via a soft-start cycle.
To prevent spurious activation of the over-voltage
function, the over-voltage condition must be present for
five switching instances, where a switching instance is
defined as activity on either INA or INB. On the fifth
switching instance the overvoltage condition is latched.
If the over voltage condition disappears the IC will not
recognize an over-voltage as being present and the
counter will be reset to zero.
Note that the OVPIN threshold voltage is derived from
the internal 2.5 V reference voltage VREFINT, which is
derived from VIN, and therefore is not delayed by the
rise time of either VL or VREF.
Figure 8. The delay of SiP11203 and SiP11204 gate-drive output signals compensate the break-before-make switching action
discrepancies arising from propagation delays
PWM
PWM
PWM
PWM
DL
DL
OUT A
OUT A
BBM1
BBM2
BBM3
BBM4
Rising edge
delay set by RDEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com