Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP11203 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIP11203
Description  Synchronous Rectifier Driver with Power Up/Down Control, Output OVP, Error Amplifier and Precision Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP11203 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIP11203 Datasheet HTML 1Page - Vishay Siliconix SIP11203 Datasheet HTML 2Page - Vishay Siliconix SIP11203 Datasheet HTML 3Page - Vishay Siliconix SIP11203 Datasheet HTML 4Page - Vishay Siliconix SIP11203 Datasheet HTML 5Page - Vishay Siliconix SIP11203 Datasheet HTML 6Page - Vishay Siliconix SIP11203 Datasheet HTML 7Page - Vishay Siliconix SIP11203 Datasheet HTML 8Page - Vishay Siliconix SIP11203 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
www.vishay.com
2
Document Number: 73868
S11-0975–Rev. C, 16-May-11
Vishay Siliconix
SiP11203, SiP11204
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Device mounted with all leads soldered to printed circuit board.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
Parameter
Limit
Unit
VIN, INA, INB
15
V
VREF, Linear Inputs
- 0.3 to VL + 0.3
Storage Temperature
- 65 to + 160
°C
Junction Temperature
- 40 to + 125
Package Thermal Impedance (R
JA)
16 Pin 44MLP
47
°C/W
Package Power Dissipation (package)a
745
mW
RECOMMENDED OPERATING RANGE
Parameter
Limit
Unit
VIN
5.5 to 13
V
CVIN
1
µF
CVL
1
CREF
0.1
Linear Inputs (EA+, EA-, OVPIN)
0 to VL
Error Amplifier Output Voltage
0 to 3.5
V
Logic Inputs (INA, INB)
0 to 13
Reference voltage output current
10
µA
RPD
> 15
k
CPD
1 to 10
nF
SPECIFICATIONS
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
5.5 V
 V
IN  13 V
TA = - 40 °C to 85 °C
Limits
Unit
Min.a
Typ.b
Max.a
Power Supply
VL Output Voltage
VL
Output disabled (Note e)
4.75
5.0
5.25
V
VL Temperature Coefficient
TC1
(Note c)
160
µV/°C
VL Line Regulation
VL_LNR
IL = 0 mA
38
mV
VL Load Regulation
VL_LDR
IL = 0 mA to 3.3 mA, VIN = 5.5 V
1.2
10
VL Supply PSRR
VL_PSRR
fTEST =100 Hz, (Note c)
70
dB
Supply Current
IIN
VIN = 5.5 V, CLOAD(A) = CLOAD(B) = 6 nF (Note c, d)
12
mA
VIN = 7.5 V, CLOAD(A) = CLOAD(B) = 6 nF (Note c, d)
15.5
Quiescent Current
IQ
Device switching disabled (Note e)
3.5
4.5
Start-up Current Capability
ISTARTUP
Current sourced from VIN to VL, VL = 0 V
35
45
55
Reference Voltages
VREF Voltage
VREF
IREF2 = 0 mA, TA = 25 °C
1.212
1.225
1.238
V
IREF2 = 0 mA
1.188
1.225
1.262
VREF Temperature Coefficient
TC2
(Note c)
160
µV/°C
VREF Load Regulation
VREF_LDR
VIN = 5.5 V, IREF = 0 to 10 µA
1.5
2.5
mV
VREF PSRR
VREF_PSRR
fTEST = 100 Hz, (Note c)
60
dB
Internal Buffered Reference Voltage
VREFINT
VIN = 5.5, measured at RPD pin
2.320
2.5
2.570
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com