Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVQP2602M. Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EVQP2602M.
Description  4.7 mm3.5 mm SMD Light Touch Switch es
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVQP2602M. Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EVQP2602M. Datasheet HTML 1Page - Panasonic Semiconductor EVQP2602M. Datasheet HTML 2Page - Panasonic Semiconductor EVQP2602M. Datasheet HTML 3Page - Panasonic Semiconductor EVQP2602M. Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Light Touch Switches/EVQP2/P9/3P2
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
3.5
±0.1
φ2
3
4
1
2
0.6
1.65
±0.1
0.6
±0.1
1.7
±0.1
3.7
±0.1
6.6
±0.1
3
4
1
2
1.6
PWB land pattern for reference
Circuit diagram
H
2.1
+0.2
–0.1
2.5
+0.2
–0.1
H
■ Dimensions in mm (not to scale)
No. 2
Part Numbers
Ground Terminal Operating Force
H=Height
Push Plate Color
Operating Life
EVQP2P02M
With
1.0 N
2.1 mm
Natural
1000000 cycles
EVQP2P02W
With
1.0 N
2.5 mm
Natural
1000000 cycles
EVQP2R02M
With
1.6 N
2.1 mm
Natural
1000000 cycles
EVQP2R02W
With
1.6 N
2.5 mm
Natural
1000000 cycles
EVQP2T02M
With
2.4 N
2.1 mm
Natural
500000 cycles
EVQP2T02W
With
2.4 N
2.5 mm
Natural
500000 cycles
EVQP2V02M
With
3.5 N
2.1 mm
Natural
200000 cycles
EVQP2V02W
With
3.5 N
2.5 mm
Natural
200000 cycles
EVQP2002M
Without
1.0 N
2.1 mm
Natural
1000000 cycles
EVQP2002W
Without
1.0 N
2.5 mm
Natural
1000000 cycles
EVQP2202M
Without
1.6 N
2.1 mm
Natural
1000000 cycles
EVQP2202W
Without
1.6 N
2.5 mm
Natural
1000000 cycles
EVQP2402M
Without
2.4 N
2.1 mm
Natural
500000 cycles
EVQP2402W
Without
2.4 N
2.5 mm
Natural
500000 cycles
EVQP2602M
Without
3.5 N
2.1 mm
Natural
200000 cycles
EVQP2602W
Without
3.5 N
2.5 mm
Natural
200000 cycles
EVQP9H02M
With
5.0 N
2.1 mm
Natural
200000 cycles
EVQP9H02W
With
5.0 N
2.5 mm
Natural
200000 cycles
EVQP9P02M
Without
5.0 N
2.1 mm
Natural
200000 cycles
EVQP9P02W
Without
5.0 N
2.5 mm
Natural
200000 cycles
EVQP2
Short push travel
With J-bent terminals
(With Ground terminal)
Sep. 2010
00



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com