Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVQP2602M. Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EVQP2602M.
Description  4.7 mm3.5 mm SMD Light Touch Switch es
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVQP2602M. Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EVQP2602M. Datasheet HTML 1Page - Panasonic Semiconductor EVQP2602M. Datasheet HTML 2Page - Panasonic Semiconductor EVQP2602M. Datasheet HTML 3Page - Panasonic Semiconductor EVQP2602M. Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Light Touch Switches/EVQP2/P9/3P2
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
1
E
2
V
3
Q
4
5
6
7
8
9
Product Code
Type
Height
Push Plate Color
P
P
2/9
3
4.7 mm 3.5 mm SMD Light Touch Switches
Type:
EVQP2/EVQP9/EVQ3P2
■ Specifications
■ Features
● External dimensions : 4.7 mm 3.5 mm,
Height : Middle Push Travel 2.5 mm
Short Push Travel 2.1 mm, 2.5 mm
● High operating force and long operational life
● High mountability with J-bent (4 terminals)
■ Explanation of Part Numbers
Travel Type
Middle Push Travel
Short Push Travel
Type
Snap action / Push-on type SPST
Electrical
Rating
10 µA 2 Vdc to 20 mA 15 Vdc (Resistive load)
Contact Resistance
100 m
max.
Insulation Resistance
100 M
min.
Dielectric Withstanding Voltage
250 Vac (1 minute)
Bouncing
10 ms max. (ON, OFF)
Mechanical
Operating Force
2.5 N, 3.5 N, 5.0 N
1.0 N, 1.6 N, 2.4 N, 3.5 N, 5.0 N
Travel
0.70 mm±0.20 mm
0.25 mm
+0.05 mm
Endurance
Operating Life
2.5 N:1000000 cycles min.
3.5 N: 500000 cycles min.
5.0 N: 200000 cycles min.
1.0 N, 1.6 N: 1000000 cycles min.
2.4 N: 500000 cycles min.
3.5 N: 200000 cycles min.
5.0 N: 200000 cycles min.
Operating Temperature
–40 °C to +85 °C
Storage Temperature
–40 °C to +85 °C (Bulk)
–20 °C to +60 °C (Taping)
Minimum Quantity/Packing Unit
4000 pcs.
Embossed Taping (Reel Pack)
Quantity/Carton
20000 pcs.
–0.15
■ Recommended Applications
● Keyless entry systems (automotive)
● Car audio equipment
Sep. 2010
00


Similar Part No. - EVQP2602M.

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQP2602M PANASONIC-EVQP2602M Datasheet
102Kb / 4P
Light Touch Switches/EVQP2/P9/3P2
EVQP2602M PANASONIC-EVQP2602M Datasheet
102Kb / 4P
4.7 mm3.5 mm SMD Light Touch Switch es
More results

Similar Description - EVQP2602M.

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQP2 PANASONIC-EVQP2 Datasheet
123Kb / 2P
4.7 X 3.5 mm Square Light Touch Switches
EVQP2 PANASONIC-EVQP2_08 Datasheet
179Kb / 4P
4.7 mm3.5 mm SMD Light Touch Switch es
EVQPE1 PANASONIC-EVQPE1 Datasheet
100Kb / 2P
6.0 mm3.5 mm SMD Light Touch Switch es
EVQPL PANASONIC-EVQPL Datasheet
89Kb / 3P
4.9 mm Square SMD Light Touch Switch es
EVQ-PLDA15 PANASONIC-EVQ-PLDA15 Datasheet
90Kb / 3P
4.9 mm Square SMD Light Touch Switch es
EVQ-PLHA15 PANASONIC-EVQ-PLHA15 Datasheet
90Kb / 3P
4.9 mm Square SMD Light Touch Switch es
EVP-AJAC1A PANASONIC-EVP-AJAC1A Datasheet
107Kb / 3P
4.7 mm3.5 mm Double-action Side-operational SMD Light Touch Switches
EVQ-PE104K PANASONIC-EVQ-PE104K Datasheet
67Kb / 2P
6.0 mm3.5 mm SMD Light Touch Switch es
EVQ-P2H02B PANASONIC-EVQ-P2H02B Datasheet
102Kb / 4P
4.7 mm3.5 mm SMD Light Touch Switch es
EVQ-P2T02W PANASONIC-EVQ-P2T02W Datasheet
102Kb / 4P
4.7 mm3.5 mm SMD Light Touch Switch es
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com