Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP2120 Datasheet(PDF) 13 Page - Intersil Corporation

Part # HIP2120
Description  100V, 2A Peak, High Frequency Half-Bridge Drivers with Adjustable Dead Time Control and PWM Input
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP2120 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button HIP2120 Datasheet HTML 8Page - Intersil Corporation HIP2120 Datasheet HTML 9Page - Intersil Corporation HIP2120 Datasheet HTML 10Page - Intersil Corporation HIP2120 Datasheet HTML 11Page - Intersil Corporation HIP2120 Datasheet HTML 12Page - Intersil Corporation HIP2120 Datasheet HTML 13Page - Intersil Corporation HIP2120 Datasheet HTML 14Page - Intersil Corporation HIP2120 Datasheet HTML 15Page - Intersil Corporation HIP2120 Datasheet HTML 16Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
HIP2120, HIP2121
13
FN7668.0
December 23, 2011
Power Dissipation
The dissipation of the HIP2120/21 is dominated by the gate
charge required by the driven bridge FETs and the switching
frequency. The internal bias and boot diode also contribute to the
total dissipation but these losses are usually insignificant
compared to the gate charge losses.
The calculation of the power dissipation of the HIP2120/21 is
very simple.
GATE POWER (FOR THE HO AND LO OUTPUTS)
Pgate = 4 x Qgate x Freq x VDD
where
Qgate is the charge of the driven bridge FET at VDD, and
Freq is the switching frequency.
BOOT DIODE DISSIPATION
Idiode_avg = Qgate x Freq
Pdiode = Idiode_avg x 0.6V
where 0.6V is the diode conduction voltage
BIAS CURRENT
Pbias = Ibias x VDD
where Ibias is the internal bias current of the HIP2120/21 at the
switching frequency
TOTAL POWER DISSIPATION
Ptotal = Pgate + Pdiode + Pbias
OPERATING TEMPERATURES
Tj = Ptotal x θJA + Tamb
where Tj is the junction temperature at the operating air
temperature, Tamb, in the vicinity of the part.
Tj = Ptotal x θJC + TPCB
where Tj is the junction temperature with the operating
temperature of the PCB, TPCB , measured where the EPAD is
soldered.
PC Board Layout
The AC performance of the HIP2120/21 depends significantly on
the design of the PC board. The following layout design
guidelines are recommended to achieve optimum performance
from the HIP2120/21:
• Understand well how power currents flow. The high amplitude
di/dt currents of the bridge FETs will induce significant voltage
transients on the associated traces.
• Keep power loops as short as possible by paralleling the
source and return traces.
• Use planes where practical; they’re usually more effective than
parallel traces.
• Planes can also be non-grounded nodes.
• Avoid paralleling high di/dt traces with low level signal lines.
High di/dt will induce currents in the low level signal lines.
• When practical, minimize impedances in low level signal
circuits; the noise, magnetically induced on a 10k resistor, is
10x larger than the noise on a 1k resistor.
• Be aware of magnetic fields emanating from transformers and
inductors. Core gaps in these structures are especially bad for
emitting flux.
• If you must have traces close to magnetic devices, align the
traces so that they are parallel to the flux lines.
• The use of low inductance components such as chip resistors
and chip capacitors is recommended.
• Use decoupling capacitors to reduce the influence of parasitic
inductors. To be effective, these capacitors must also have the
shortest possible lead lengths. If vias are used, connect several
paralleled vias to reduce the inductance of the vias.
• It may be necessary to add resistance to dampen resonating
parasitic circuits. The most likely circuit will be the HO and LO
outputs. In PCB designs with long leads on the LI and HI inputs,
it may also be necessary to add series resistors with the LI and
HI inputs.
• Keep high dv/dt nodes away from low level circuits. Guard
banding can be used to shunt away dv/dt injected currents
from sensitive circuits. This is especially true for the PWM
control circuits.
• Avoid having a signal ground plane under a high dv/dt circuit.
This will inject high di/dt currents into the signal ground paths.
• Do power dissipation and voltage drop calculations of the
power traces. Most PCB/CAD programs have built in tools for
calculation of trace resistance.
• Large power components (Power FETs, Electrolytic capacitors,
power resistors, etc.) will have internal parasitic inductance,
which cannot be eliminated. This must be accounted for in the
PCB layout and circuit design.
• If you simulate your circuits, consider including parasitic
components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com