Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP2120 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HIP2120
Description  100V, 2A Peak, High Frequency Half-Bridge Drivers with Adjustable Dead Time Control and PWM Input
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP2120 Datasheet(HTML) 2 Page - Intersil Corporation

  HIP2120 Datasheet HTML 1Page - Intersil Corporation HIP2120 Datasheet HTML 2Page - Intersil Corporation HIP2120 Datasheet HTML 3Page - Intersil Corporation HIP2120 Datasheet HTML 4Page - Intersil Corporation HIP2120 Datasheet HTML 5Page - Intersil Corporation HIP2120 Datasheet HTML 6Page - Intersil Corporation HIP2120 Datasheet HTML 7Page - Intersil Corporation HIP2120 Datasheet HTML 8Page - Intersil Corporation HIP2120 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
HIP2120, HIP2121
2
FN7668.0
December 23, 2011
Block Diagram
Pin Configurations
HIP2120, HIP2121
(10 LD 4X4 TDFN)
TOP VIEW
HIP2120, HIP2121
(9 LD 4X4 TDFN)
TOP VIEW
LEVEL
SHIFT
UNDER
VOLTAGE
UNDER
VOLTAGE
EPAD
DELAY
HIP2120,
HIP2121
HIP2121
HIP2121
HIP2120/21
HIP2120/21
Optional
inversion
for future
part
numbers
VDD
PWM
RDT
EN
HB
HO
HS
LO
VSS
DELAY
EPAD IS
ELECTRICALLY
ISOLATED
EPAD
1
2
3
4
5
10
9
8
7
6
VDD
HB
HO
HS
NC
LO
VSS
PWM
EN
RDT
EPAD
1
3
4
5
10
9
8
7
6
VDD
HB
HO
HS
LO
VSS
PWM
EN
RDT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com