Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIR862DP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIR862DP
Description  N-Channel 25-V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIR862DP Datasheet(HTML) 1 Page - Vishay Siliconix

  SIR862DP Datasheet HTML 1Page - Vishay Siliconix SIR862DP Datasheet HTML 2Page - Vishay Siliconix SIR862DP Datasheet HTML 3Page - Vishay Siliconix SIR862DP Datasheet HTML 4Page - Vishay Siliconix SIR862DP Datasheet HTML 5Page - Vishay Siliconix SIR862DP Datasheet HTML 6Page - Vishay Siliconix SIR862DP Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Vishay Siliconix
SiR862DP
New Product
Document Number: 65672
S10-0041-Rev. A, 11-Jan-10
www.vishay.com
1
N-Channel 25-V (D-S) MOSFET
FEATURES
•
Halogen-free According to IEC 61249-2-21
Definition
•TrenchFET® Power MOSFET
•
100 % Rg and UIS Tested
•
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
•
DC/DC Conversion
- Low-Side Switch
•
Notebook
•
Server
•
Game Console
Notes:
a. Based on TC = 25 °C.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. Maximum under steady state conditions is 65 °C/W.
e. Package limited.
f. See solder profile (
www.vishay.com/ppg?73257). The PowerPAK SO-8 is a leadless package. The end of the lead terminal is exposed copper
(not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not
required to ensure adequate bottom side solder interconnection.
g. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components.
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a, e
Qg (Typ.)
25
0.0028 at VGS = 10 V
50
28.4 nC
0.0035 at VGS = 4.5 V
50
Ordering Information: SiR862DP-T1-GE3 (Lead (Pb)-free and Halogen-free)
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
6.15 mm
5.15 mm
PowerPAK® SO-8
Bottom View
N-Channel MOSFET
G
D
S
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
25
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
50e
A
TC = 70 °C
50e
TA = 25 °C
32b, c
TA = 70 °C
22.8b, c
Pulsed Drain Current
IDM
70
Continuous Source-Drain Diode Current
TC = 25 °C
IS
50e
TA = 25 °C
4.7b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
40
Avalanche Energy
EAS
80
mJ
Maximum Power Dissipation
TC = 25 °C
PD
69
W
TC = 70 °C
44.4
TA = 25 °C
5.2b, c
TA = 70 °C
3.3b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)f, g
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
≤ 10 s
RthJA
19
24
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
1.2
1.8


Similar Part No. - SIR862DP

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SIR862DP TFUNK-SIR862DP Datasheet
330Kb / 7P
N-Channel 25-V (D-S) MOSFET
logo
Vishay Siliconix
SIR862DP VISHAY-SIR862DP Datasheet
363Kb / 13P
N-Channel 25 V (D-S) MOSFET
11-Jan-10
SIR862DP VISHAY-SIR862DP_V01 Datasheet
363Kb / 13P
N-Channel 25 V (D-S) MOSFET
11-Jan-10
More results

Similar Description - SIR862DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1304DL VISHAY-SI1304DL Datasheet
88Kb / 5P
N-Channel 25-V (D-S) MOSFET
04-Oct-04
SIR850DP VISHAY-SIR850DP Datasheet
109Kb / 7P
N-Channel 25-V (D-S) MOSFET
22-Sep-08
SI4630DY VISHAY-SI4630DY Datasheet
239Kb / 10P
N-Channel 25-V (D-S) MOSFET
02-Feb-09
SI4778DY VISHAY-SI4778DY Datasheet
244Kb / 10P
N-Channel 25-V (D-S) MOSFET
09-Mar-09
SIR808DP VISHAY-SIR808DP Datasheet
480Kb / 13P
N-Channel 25 V (D-S) MOSFET
04-Apr-11
logo
Vishay Telefunken
SIE882DF TFUNK-SIE882DF Datasheet
207Kb / 10P
N-Channel 25-V (D-S) MOSFET
SIR438DP TFUNK-SIR438DP Datasheet
343Kb / 13P
N-Channel 25-V (D-S) MOSFET
logo
Vishay Siliconix
SI4668DY VISHAY-SI4668DY Datasheet
103Kb / 7P
N-Channel 25-V (D-S) MOSFET
09-Mar-09
SI7194DP VISHAY-SI7194DP Datasheet
316Kb / 13P
N-Channel 25-V (D-S) MOSFET
31-Mar-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com