Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIR862DP Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIR862DP
Description  N-Channel 25-V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIR862DP Datasheet(HTML) 4 Page - Vishay Siliconix

  SIR862DP Datasheet HTML 1Page - Vishay Siliconix SIR862DP Datasheet HTML 2Page - Vishay Siliconix SIR862DP Datasheet HTML 3Page - Vishay Siliconix SIR862DP Datasheet HTML 4Page - Vishay Siliconix SIR862DP Datasheet HTML 5Page - Vishay Siliconix SIR862DP Datasheet HTML 6Page - Vishay Siliconix SIR862DP Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
4
Document Number: 65672
S10-0041-Rev. A, 11-Jan-10
Vishay Siliconix
SiR862DP
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
V
SD -Source-to-Drain Voltage (V)
1
0.01
0.001
0.1
10
100
T
J = 150 °C
T
J = 25 °C
- 1.0
- 0.7
- 0.4
- 0.1
0.2
0.5
- 50
- 25
0
25
50
75
100
125
150
T
J - Temperature (°C)
I
D = 250 µA
I
D =5mA
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power
0.000
0.003
0.006
0.009
0.012
0.015
012
3
45
67
8
910
V
GS -Gate-to-Source Voltage (V)
I
D =15A
T
J = 125 °C
T
J = 25 °C
0
40
80
120
160
200
10
1
1
0
0
.
0
0.01
Time (s)
0.1
Safe Operating Area, Junction-to-Ambient
0.01
100
1
100
0.01
0.1
V
DS - Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
1ms
10 ms
100 ms
0.1
1
10
10
T
A = 25 °C
Single Pulse
1s
DC
10 s
BVDSS
Limited
Limited byRDS(on)*



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com