Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97649AIRTZ-EVALZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL97649AIRTZ-EVALZ
Description  TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97649AIRTZ-EVALZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL97649AIRTZ-EVALZ Datasheet HTML 1Page - Intersil Corporation ISL97649AIRTZ-EVALZ Datasheet HTML 2Page - Intersil Corporation ISL97649AIRTZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL97649AIRTZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL97649AIRTZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL97649AIRTZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL97649AIRTZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL97649AIRTZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL97649AIRTZ-EVALZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ISL97649A
5
FN7928.0
December 5, 2011
Absolute Maximum Ratings
Thermal Information
RE, VGHM, GPM_LO and VGH to GND . . . . . . . . . . . . . . . . . . . . -0.3 to +36V
LX, AVDD, POS, OUT to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +18V
Voltage Between GND and PGND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±0.5V
All Other Pins to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.0V
ESD Rating
Human Body Model (Tested per JESD22-A114E) . . . . . . . . . . . . . . . . 2kV
Machine Model (Tested per JESD22-A115-A) . . . . . . . . . . . . . . . . . 200V
Charged Device Model (Tested per JESD22-C101). . . . . . . . . . . . . . . 1kV
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
28 Ld 4x5 QFN Package (Notes 4, 5). . . . .
38
4.5
Ambient Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Functional Junction Temperature . . . . . . . . . . . . . . . . . . . .-40°C to +150°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Lead Temperature During Soldering . . . . . . . . . . . . . . . . . . . . . . . . +260°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.5V to 5.5V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
5. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications VIN = ENABLE = 3.3V, AVDD =8V, VLDO = 2.5V, VON =24V, VOFF = - 6V. Boldface limits apply over the
operating temperature range, -40°C to +85°C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 6)
TYP
(Note 7)
MAX
(Note 6) UNITS
GENERAL
VIN
VIN Supply Voltage Range
2.5
3.3
5.5
V
IS_DIS
VIN Supply Currents when Disabled
VIN < UVLO
390
500
µA
IS
VIN Supply Currents
ENABLE = 3.3V, overdrive AVDD and VGH
0.7
1.0
mA
IEBABLE
ENABLE Pin Current
ENABLE = 0V
0
µA
LOGIC INPUT CHARACTERISTICS - ENABLE, FLK, SCL, SDA, FREQ
VIL
Low Voltage Threshold
0.65
V
VIH
High Voltage Threshold
1.75
V
RIL
Pull-Down Resistor
Enable, FLK, FREQ
0.85
1.25
1.65
M
Ω
INTERNAL OSCILLATOR
FOSC
Switching Frequencies
FREQ = low, TA = +25°C
550
600
650
kHz
FREQ = high, TA = +25°C
1100
1200
1300
kHz
AVDD BOOST REGULATOR
DAVDD/
DIOUT
AVDD Load Regulation
50mA < ILOAD < 250mA
0.2
%
DAVDD/
DVIN
AVDD Line Regulation
ILOAD = 150mA, 2.5V < VIN < 5.5V
0.15
%
VFB
Feedback Voltage (VFB)ILOAD = 100mA, TA = +25°C
0.792
0.8
0.808
V
IFB
FB Input Bias Current
100
nA
rDS(ON)
Switch ON-resistance
TA = +25°C
180
230
m
Ω
ILIM
Switch Current Limit
1.125
1.5
1.875
A
DMAX
Max Duty Cycle
Freq = 1.2MHz
80
90
%
EFF
Freq = 1.2MHz, IAVDD = 100mA
91
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com