Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97649AIRTZ-EVALZ Datasheet(PDF) 13 Page - Intersil Corporation

Part # ISL97649AIRTZ-EVALZ
Description  TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97649AIRTZ-EVALZ Datasheet(HTML) 13 Page - Intersil Corporation

Back Button ISL97649AIRTZ-EVALZ Datasheet HTML 9Page - Intersil Corporation ISL97649AIRTZ-EVALZ Datasheet HTML 10Page - Intersil Corporation ISL97649AIRTZ-EVALZ Datasheet HTML 11Page - Intersil Corporation ISL97649AIRTZ-EVALZ Datasheet HTML 12Page - Intersil Corporation ISL97649AIRTZ-EVALZ Datasheet HTML 13Page - Intersil Corporation ISL97649AIRTZ-EVALZ Datasheet HTML 14Page - Intersil Corporation ISL97649AIRTZ-EVALZ Datasheet HTML 15Page - Intersil Corporation ISL97649AIRTZ-EVALZ Datasheet HTML 16Page - Intersil Corporation ISL97649AIRTZ-EVALZ Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ISL97649A
13
FN7928.0
December 5, 2011
Gate Pulse Modulator Circuit
The gate pulse modulator circuit functions as a three way
multiplexer, switching VGHM between ground, GPM_LO and VGH.
Voltage selection is provided by digital inputs VDPM (enable) and
VFLK (control). High to low delay and slew control is provided by
external components on pins CE and RE, respectively.
When VDPM is LOW, the block is disabled and VGHM is
grounded. When the input voltage exceeds UVLO threshold,
VDPM starts to drive an external capacitor. Once VDPM exceeds
1.215V, the GPM circuit is enabled, and the output VGHM is
determined by VFLK, RESET signal and VGH voltage. If RESET
signal is high and VFLK is high, VGHM is pulled to VGH. When
VFLK goes low, there is a delay controlled by capacitor CE,
following which, VGHM is driven to GPM_LO, with a slew rate
controlled by resistor RE. Note that GPM_LO is used only as a
reference voltage for an amplifier, and thus does not have to
source or sink a significant DC current.
Low to high transition is determined primarily by the switch
resistance and the external capacitive load. High to low transition
is more complex. Take the case where the block is already
enabled (VDPM is H). When VFLK is H, if CE is not externally
pulled above threshold voltage 1, pin CE is pulled low. On the
falling edge of VFLK, a current is passed into pin CE to charge the
external capacitor up to threshold voltage 2, providing a delay
which is adjustable by varying the capacitor on CE. Once this
threshold is reached, the output starts to be pulled down from
VGH to GPM_LO. The maximum slew current is equal to 500/(RE
+ 40k), and the dv/dt slew rate is Isl/CLOAD, where CLOAD is the
load capacitance applied to VGHM. The slew rate reduces as
VGHM approaches GPM_LO.
If CE is always pulled up to a voltage above threshold 1, zero
delay mode is selected; thus, there will be no delay from FLK
falling to the point where VGHM starts to fall. Slew down currents
will be identical to the previous case.
At power-down, when VIN falls to UVLO, VGHM will be tied to VGH
until the VGH voltage falls to 3V. Once the VGH voltage falls below
3V, VGHM will not be actively driven until VIN is driven. Figure 14
shows the VGHM voltage based on VIN, VGH and RESET.
VCOM Amplifier
The VCOM amplifier is designed to control the voltage on the back
plane of an LCD display. This plane is capacitively coupled to the
pixel drive voltage, which alternately cycles positive and negative at
the line rate for the display. Thus, the amplifier must be capable of
sourcing and sinking pulses of current, which can occasionally be
quite large (in the range of 100mA for typical applications).
The ISL97649A VCOM amplifier's output current is limited to
225mA typical. This limit level, which is roughly the same for
sourcing and sinking, is included to maintain reliable operation
of the part. It does not necessarily prevent a large temperature
rise if the current is maintained. (In this case, the whole chip may
be shut down by the thermal trip to protect functionality.) If the
display occasionally demands current pulses higher than this
limit, the reservoir capacitor will provide the excess and the
amplifier will top the reservoir capacitor back up once the pulse
has stopped. This will happen in the µs time scale in practical
systems and for pulses 2 or 3 times the current limit; the VCOM
voltage will have settled again before the next line is processed.
DCP Memory Description
The ISL97649A contains one non-volatile byte known as the
Initial Value Register (IVR). It is accessed by the I2C interface
operations with Address 00h. The IVR contains the value that is
loaded into the Volatile Wiper Register (WR) at power-up.
The volatile WR and the non-volatile IVR of a DCP are accessed
with the same address.
The Access Control Register (ACR) determines which word at
address 00h is accessed (IVR or WR). The volatile ACR must be
set as follows:
When the ACR is all zeroes, which is the default at power-up:
• A read operation to address 0 outputs the value of the
non-volatile IVR.
VGH_M is forced to
VGH when RESET
goes to low AND
VGH>3V
Power on delay time
is controlled by
CDPM
Slope is controlled
by RE
Delay time is controlled
by CE
FIGURE 14. GATE PULSE MODULATOR TIMING DIAGRAM
VIN
UVLO
0
VGH
RESET
VDPM
VFLK
VGHM
THRESHOLD
VGH
GPM_LO
POWER-ON DELAY TIME
CONTROLLED BY CDPM
SLOPE IS
CONTROLLED BY RE
DELAY TIME IS
CONTROLLED BY CE
VGHM IS FORCED
TO VGH WHEN VIN
1.215V
FALLS TO UVLO AND
VGH>3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com