Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL02 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SL02
Description  Small Signal Schottky Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SL02 Datasheet(HTML) 1 Page - Vishay Siliconix

  SL02 Datasheet HTML 1Page - Vishay Siliconix SL02 Datasheet HTML 2Page - Vishay Siliconix SL02 Datasheet HTML 3Page - Vishay Siliconix SL02 Datasheet HTML 4Page - Vishay Siliconix SL02 Datasheet HTML 5Page - Vishay Siliconix SL02 Datasheet HTML 6Page - Vishay Siliconix SL02 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SL02, SL03, SL04
Document Number 85687
Rev. 1.9, 23-Jul-10
Vishay Semiconductors
www.vishay.com
1
17249
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Small Signal Schottky Diodes
Features
• For surface mounted applications
• Low-profile package
• Ideal for automated placement
• Low power loss, high efficiency
• High temperature soldering: 260 °C/10 s
at terminals
• Wave and reflow solderable
• AEC-Q101 qualified
• Compliant to RoHS directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
Mechanical Data
Case: DO-219AB (SMF)
Polarity: color band denotes cathode end
Weight: approx. 15 mg
Packaging codes/options:
GS18/10 k per 13" reel (8 mm tape), 50 k/box
GS08/3 k per 7" reel (8 mm tape), 30 k/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Part
Ordering code
Marking
Remarks
SL02
SL02-GS18 or SL02-GS08
S2
Tape and reel
SL03
SL03-GS18 or SL03-GS08
S3
Tape and reel
SL04
SL04-GS18 or SL04-GS08
S4
Tape and reel
Parameter
Test condition
Part
Symbol
Value
Unit
Maximum repetitive peak
reverse voltage
SL02
VRRM
20
V
SL03
VRRM
30
V
SL04
VRRM
40
V
Maximum RMS voltage
SL02
VRMS
14
V
SL03
VRMS
21
V
SL04
VRMS
28
V
Maximum DC blocking voltage
SL02
VDC
20
V
SL03
VDC
30
V
SL04
VDC
40
V
Maximum average forward
rectified current
Ttp = 109 °C
IF(AV)
1.1
A
Peak forward surge current
8.3 ms single half sine-wave
IFSM
40
A


Similar Part No. - SL02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SL02 VISHAY-SL02 Datasheet
98Kb / 5P
Small Surface Mount Schottky Diodes
21-Feb-03
SL02 VISHAY-SL02 Datasheet
117Kb / 7P
Small Signal Schottky Diodes
13-Apr-05
SL02 VISHAY-SL02 Datasheet
83Kb / 6P
Small Signal Schottky Diodes
23-Jul-10
logo
Shenzhen Taychipst Elec...
SL02 TAYCHIPST-SL02 Datasheet
2Mb / 2P
Small Surface Mount Schottky Diodes
logo
Vishay Siliconix
SL02 VISHAY-SL02 Datasheet
106Kb / 6P
Schottky Rectifier Surface-Mount
26-Feb-2021
More results

Similar Description - SL02

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
SD103A MCC-SD103A Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAT42W-V VISHAY-BAT42W-V_10 Datasheet
63Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
SD101AW-V VISHAY-SD101AW-V_10 Datasheet
61Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
logo
Comchip Technology
CDBH3-00340-G COMCHIP-CDBH3-00340-G Datasheet
67Kb / 2P
Small Signal Schottky Diodes
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
Small Signal Schottky Diodes
logo
STMicroelectronics
TMMBAT48FILM STMICROELECTRONICS-TMMBAT48FILM Datasheet
67Kb / 5P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com