Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL02 Datasheet (PDF) - Shenzhen Taychipst Electronic Co., Ltd

SL02 Datasheet PDF - Shenzhen Taychipst Electronic Co., Ltd
Part # SL02
Download  SL02 Download
File Size   2393.05 Kbytes
Page   2 Pages
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd
Description Small Surface Mount Schottky Diodes

SL02 Datasheet (PDF)

Go To PDF Page Download Datasheet
SL02 Datasheet PDF - Shenzhen Taychipst Electronic Co., Ltd

Part # SL02
Download  SL02 Click to download

File Size   2393.05 Kbytes
Page   2 Pages
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd
Description Small Surface Mount Schottky Diodes

SL02 Datasheet (HTML) - Shenzhen Taychipst Electronic Co., Ltd


SL02 Product details

FEATURES

• For surface mounted applications

• Low-profile package

• Ideal for automated placement

• Low power loss, high efficiency

• High temperature soldering: 260 °C/10 seconds at terminals

• Lead (Pb)-free component

• Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC



 




Similar Part No. - SL02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SL02 VISHAY-SL02 Datasheet
98Kb / 5P
Small Surface Mount Schottky Diodes
21-Feb-03
SL02 VISHAY-SL02 Datasheet
117Kb / 7P
Small Signal Schottky Diodes
13-Apr-05
SL02 VISHAY-SL02 Datasheet
144Kb / 7P
Small Signal Schottky Diodes
23-Jul-10
SL02 VISHAY-SL02 Datasheet
83Kb / 6P
Small Signal Schottky Diodes
23-Jul-10
SL02 VISHAY-SL02 Datasheet
106Kb / 6P
Schottky Rectifier Surface-Mount
26-Feb-2021
More results


Similar Description - SL02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SL04 VISHAY-SL04 Datasheet
98Kb / 5P
Small Surface Mount Schottky Diodes
21-Feb-03
logo
Cystech Electonics Corp...
CASD501S2 CYSTEKEC-CASD501S2 Datasheet
134Kb / 3P
Surface Mount Small Signal Schottky Barrier Diodes
CASD501SG CYSTEKEC-CASD501SG Datasheet
130Kb / 3P
Surface Mount Small Signal Schottky Barrier Diodes
logo
Diotec Semiconductor
BAT54WS DIOTEC-BAT54WS Datasheet
96Kb / 2P
Surface Mount Small Signal Schottky Diodes
logo
Formosa MS
BAS70WS FORMOSA-BAS70WS_10 Datasheet
197Kb / 7P
70mA Surface Mount Small Signal Schottky Diodes-70v
BAT42WS FORMOSA-BAT42WS_10 Datasheet
93Kb / 7P
200mA Surface Mount Small Signal Schottky Diodes-30V
RB521S FORMOSA-RB521S_10 Datasheet
110Kb / 7P
200mA Surface Mount Small Signal Schottky Diodes-30V
logo
SUNMATE electronic Co.,...
BAT81S SUNMATE-BAT81S Datasheet
119Kb / 2P
150mA Surface Mount Small Signal Schottky Diodes
logo
Vishay Siliconix
S07B VISHAY-S07B Datasheet
135Kb / 6P
Small Surface Mount Diodes
24-Mar-04
logo
SUNMATE electronic Co.,...
LL49 SUNMATE-LL49 Datasheet
472Kb / 3P
SURFACE MOUNT SMALL SIGNAL SCHOTTKY DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com