Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL02 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # SL02
Description  Small Surface Mount Schottky Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

SL02 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  SL02 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SL02 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20V-40V
1.1A
1)
Mechanical Data
SL02 THRU SL04
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SOD-123FL
Small Surface Mount Schottky Diodes
• For surface mounted applications
• Low-profile package
• Ideal for automated placement
• Low power loss, high efficiency
• High temperature soldering:
260 °C/10 seconds at terminals
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Case: JEDEC DO-219AB (SMF) Plastic case
Polarity: Color band denotes cathode end
Weight: approx. 15 mg
Packaging codes-options:
G18 / 10 k per 13" reel (8 mm tape), 50 k/box
G08 / 3 k per 7" reel (8 mm tape), 30 k/box
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Mounted on epoxy substrate with 3 x 3 mm Cu pads (
≥ 40 μm thick)
Maximum DC blocking voltage
SL02
VDC
20
V
SL03
VDC
30
V
SL04
VDC
40
V
Maximum average forward
rectified current
Ttp = 109 °C
IF(AV)
1.1
A
Peak forward surge current
8.3 ms single half sine-wave
IFSM
40
A
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to
ambient air2)
RthJA
180
K/W
Maximum operating junction
temperature
TJ
125
°C
Storage temperature range
TSTG
- 55 to 150
°C
Parameter
Test condition
Part
Symbol
Value
Unit
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Part
Symbol
Value
Unit
Maximum repetitive peak
reverse voltage
SL02
VRRM
20
V
SL03
VRRM
30
V
SL04
VRRM
40
V
Maximum RMS voltage
SL02
VRMS
14
V
SL03
VRMS
21
V
SL04
VRMS
28
V
Absolute Maximum Ratings


Similar Part No. - SL02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SL02 VISHAY-SL02 Datasheet
98Kb / 5P
Small Surface Mount Schottky Diodes
21-Feb-03
SL02 VISHAY-SL02 Datasheet
117Kb / 7P
Small Signal Schottky Diodes
13-Apr-05
SL02 VISHAY-SL02 Datasheet
144Kb / 7P
Small Signal Schottky Diodes
23-Jul-10
SL02 VISHAY-SL02 Datasheet
83Kb / 6P
Small Signal Schottky Diodes
23-Jul-10
SL02 VISHAY-SL02 Datasheet
106Kb / 6P
Schottky Rectifier Surface-Mount
26-Feb-2021
More results

Similar Description - SL02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SL04 VISHAY-SL04 Datasheet
98Kb / 5P
Small Surface Mount Schottky Diodes
21-Feb-03
logo
Cystech Electonics Corp...
CASD501S2 CYSTEKEC-CASD501S2 Datasheet
134Kb / 3P
Surface Mount Small Signal Schottky Barrier Diodes
CASD501SG CYSTEKEC-CASD501SG Datasheet
130Kb / 3P
Surface Mount Small Signal Schottky Barrier Diodes
logo
Diotec Semiconductor
BAT54WS DIOTEC-BAT54WS Datasheet
96Kb / 2P
Surface Mount Small Signal Schottky Diodes
logo
Formosa MS
BAS70WS FORMOSA-BAS70WS_10 Datasheet
197Kb / 7P
70mA Surface Mount Small Signal Schottky Diodes-70v
BAT42WS FORMOSA-BAT42WS_10 Datasheet
93Kb / 7P
200mA Surface Mount Small Signal Schottky Diodes-30V
RB521S FORMOSA-RB521S_10 Datasheet
110Kb / 7P
200mA Surface Mount Small Signal Schottky Diodes-30V
logo
SUNMATE electronic Co.,...
BAT81S SUNMATE-BAT81S Datasheet
119Kb / 2P
150mA Surface Mount Small Signal Schottky Diodes
logo
Vishay Siliconix
S07B VISHAY-S07B Datasheet
135Kb / 6P
Small Surface Mount Diodes
24-Mar-04
logo
SUNMATE electronic Co.,...
LL49 SUNMATE-LL49 Datasheet
472Kb / 3P
SURFACE MOUNT SMALL SIGNAL SCHOTTKY DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com