Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL02 Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # SL02
Description  Small Surface Mount Schottky Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

SL02 Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  SL02 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SL02 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
20V-40V
1.1A
RATINGS AND CHARACTERISTIC CURVES
SL02 THRU SL04
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
2 of 2
SL02 THRU SL04
Small Surface Mount Schottky Diodes
Figure 1. Forward Current Derating Curve
Figure 2. Typical Junction Capacitance
Figure 3. Typical Instantaneous Forward Characterisics - SL02
0
10
30
50
70
90
110
130
0
0.5
1.5
1.0
150
Lead temperature (°C)
17379
12
10
50
100
150
200
250
0
2
4
6
8
10
Reverse Voltage (V)
SL02
SL04
17380
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1
10
0
0.0001
0.001
0.01
0.1
Instantaneous Forward Voltage (V)
TJ = 100
°C
TJ =50
°C
TJ =75
°C
TJ =25
°C
Pulse Width = 300
μs
1% Duty Cycle
17381
Figure 4. Typical Reverse Current Characteristics - SL02
Figure 5. Typical Instantaneous Forward Characteristics - SL03
Figure 6. Typical Reverse Current Characteristics - SL03
0
5
10
15
1
10
100
1000
10000
20
25
Reverse Voltage (V)
TJ =100
°C
TJ =50
°C
TJ =75
°C
TJ =25
°C
17382
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9 1.0
1
10
0
0.0001
0.001
0.01
0.1
Instantaneous Forward Voltage (V)
TJ = 100
°C
TJ =50
°C
TJ =75
°C
TJ =25
°C
Pulse Width = 300
μs
1% Duty Cycle
17383
0
5
10
15
1
0.1
10
100
1000
10000
20
25
30
35
Reverse Voltage (V)
TJ = 100
°C
TJ =50
°C
TJ =75
°C
TJ =25
°C
17384



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com