Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSMP33A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TPSMP33A
Description  High Power Density Surface Mount PAR Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TPSMP33A Datasheet(HTML) 1 Page - Vishay Siliconix

  TPSMP33A Datasheet HTML 1Page - Vishay Siliconix TPSMP33A Datasheet HTML 2Page - Vishay Siliconix TPSMP33A Datasheet HTML 3Page - Vishay Siliconix TPSMP33A Datasheet HTML 4Page - Vishay Siliconix TPSMP33A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 88471
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 19-Apr-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Power Density Surface Mount PAR®
Transient Voltage Suppressors
TPSMP6.8 thru TPSMP43A
Vishay General Semiconductor
New Product
TYPICAL APPLICATIONS
Protection for ICs, drive transistors, signal lines of sensor
units, and electronic units in consumer, computer, industrial
and automotive applications.
FEATURES
• Junction
passivation
optimized
design
passivated anisotropic rectifier technology
•TJ = 185 °C capability suitable for high reliability
and automotive requirement
• Very low profile - typical height of 1.0 mm
• Ideal for automated placement
• Uni-direction only
• Excellent clamping capability
• Low incremental surge resistance
• Very fast response time
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
• AEC-Q101 qualified
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
• Halogen-free according to IEC 61249-2-21 definition
MECHANICAL DATA
Case: DO-220AA (SMP)
Molding compound meets UL 94 V-0 flammability rating
Base P/NHM3 - halogen-free, RoHS compliant, and
automotive grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
HM3 suffix meets JESD 201 class 2 whisker test
Polarity: Color band denotes cathode end
Notes
(1) Non-repetitive current pulse, per fig. 3 and derated above TA = 25 °C per fig. 2
(2) Mounted on PCB with 5.0 mm x 5.0 mm copper pads attached to each terminal
(3) Pulse test: 300 μs pulse width, 1 % duty cycle
PRIMARY CHARACTERISTICS
VBR
6.8 V to 43 V
PPPM (for VBR 6.8 V)
250 W
PPPM (for VBR 7.5 V to 12 V)
300 W
PPPM (for VBR 13 V to 43 V)
400 W
PD
2.5 W
IFSM
40 A
TJ max.
185 °C
DO-220AA (SMP)
eSMP
® Series
MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Peak power dissipation with a 10/1000 μs waveform (fig. 1 and 3) (1)(2)
PPPM
See table next page
W
Peak power pulse current with a 10/1000 μs waveform (fig. 1) (1)
IPPM
See table next page
A
Power dissipation on infinite heatsink, TA = 75 °C
PD
2.5
W
Peak forward surge current 10 ms single half sine-wave
superimposed on rated load
IFSM
40
A
Maximum instantaneous forward voltage at 25 A (3)
VF
2.5
V
Operating junction and storage temperature range
TJ, TSTG
- 65 to + 185
°C


Similar Part No. - TPSMP33A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TPSMP33A VISHAY-TPSMP33A Datasheet
88Kb / 5P
High Power Density Surface Mount PAR Transient Voltage Suppressors
08-Oct-12
TPSMP33A VISHAY-TPSMP33A Datasheet
97Kb / 5P
High Power Density Surface Mount PAR® Transient Voltage Suppressors
25-Apr-2022
More results

Similar Description - TPSMP33A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
3KASMC10 VISHAY-3KASMC10_11 Datasheet
92Kb / 5P
Surface Mount PAR Transient Voltage Suppressors
29-Jul-11
SM5S10 VISHAY-SM5S10_11 Datasheet
87Kb / 5P
Surface Mount PAR Transient Voltage Suppressors
18-Apr-11
SM6A27 VISHAY-SM6A27_11 Datasheet
85Kb / 5P
Surface Mount PAR Transient Voltage Suppressors
18-Apr-11
SM8S24AHE3 VISHAY-SM8S24AHE3 Datasheet
98Kb / 5P
Surface Mount PAR Transient Voltage Suppressors
14-Sep-11
TPSMP24AHM3-84A VISHAY-TPSMP24AHM3-84A Datasheet
88Kb / 5P
High Power Density Surface Mount PAR® Transient Voltage Suppressors
08-Oct-12
TPSMP36AHM3 VISHAY-TPSMP36AHM3 Datasheet
88Kb / 5P
High Power Density Surface Mount PAR Transient Voltage Suppressors
08-Oct-12
SM8S40AHE3 VISHAY-SM8S40AHE3 Datasheet
94Kb / 5P
Surface Mount PAR Transient Voltage Suppressors
18-Sep-12
5KASMC10A VISHAY-5KASMC10A_18 Datasheet
92Kb / 5P
Surface Mount PAR Transient Voltage Suppressors
18-Jan-18
TPSMA6.8A VISHAY-TPSMA6.8A_17 Datasheet
84Kb / 5P
Surface Mount PAR Transient Voltage Suppressors
11-Jul-17
TPSMP43A VISHAY-TPSMP43A_V01 Datasheet
97Kb / 5P
High Power Density Surface Mount PAR® Transient Voltage Suppressors
25-Apr-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com