Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSMP33A Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TPSMP33A
Description  High Power Density Surface Mount PAR Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TPSMP33A Datasheet(HTML) 4 Page - Vishay Siliconix

  TPSMP33A Datasheet HTML 1Page - Vishay Siliconix TPSMP33A Datasheet HTML 2Page - Vishay Siliconix TPSMP33A Datasheet HTML 3Page - Vishay Siliconix TPSMP33A Datasheet HTML 4Page - Vishay Siliconix TPSMP33A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 88471
4
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 19-Apr-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TPSMP6.8 thru TPSMP43A
Vishay General Semiconductor
New Product
Fig. 5 - Maximum Peak Forward Surge Current
Fig. 6 - Steady State Power Derating Curve
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Number of Cycles at 50 Hz
40
0
1
100
10
10
5
35
30
25
20
15
T
A = TL, on Infinite Heatsink
FR-4 PCB, on Vishay
minimum recommended
Pad Layout
TJ - Initial Temperature (°C)
3.0
0.0
0
150
200
25
175
50
2.0
2.5
0.5
125
100
75
1.5
1.0
0.000 (0.00)
0.012 (0.30)
0.013 (0.35)
0.004 (0.10)
0.018 (0.45)
0.006 (0.15)
0.045 (1.15)
0.033 (0.85)
0.036 (0.91)
0.024 (0.61)
0.016 (0.40)
0.032 (0.80)
0.053 (1.35)
0.041 (1.05)
0.012 (0.30) REF.
0.105
(2.67)
0.025
(0.635)
0.100
(2.54)
0.030
(0.762)
0.050
(1.27)
Cathode Band
0.142 (3.61)
0.126 (3.19)
0.158 (4.00)
0.146 (3.70)
0.086 (2.18)
0.074 (1.88)
0.087 (2.20)
0.103 (2.60)
DO-220AA (SMP)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com