Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT2045C Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VT2045C
Description  Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VT2045C Datasheet(HTML) 1 Page - Vishay Siliconix

  VT2045C Datasheet HTML 1Page - Vishay Siliconix VT2045C Datasheet HTML 2Page - Vishay Siliconix VT2045C Datasheet HTML 3Page - Vishay Siliconix VT2045C Datasheet HTML 4Page - Vishay Siliconix VT2045C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 89349
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 23-Mar-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
Ultra Low VF = 0.33 V at IF = 5.0 A
VT2045C, VIT2045C
Vishay General Semiconductor
New Product
FEATURES
• Trench MOS Schottky technology
• Low forward voltage drop, low power losses
• High efficiency operation
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• AEC-Q101 qualified
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
• Halogen-free according to IEC 61249-2-21 definition
TYPICAL APPLICATIONS
For use in high frequency DC/DC converters, switching
power supplies, freewheeling diodes, OR-ing diode, and
reverse battery protection.
MECHANICAL DATA
Case: TO-220AB and TO-262AA
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS compliant, and
commercial grade
Base P/NHM3 - halogen-free, RoHS compliant, and
AEC-Q101 qualified
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test, HM3 suffix
meets JESD 201 class 2 whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs maximum
PRIMARY CHARACTERISTICS
IF(AV)
2 x 10 A
VRRM
45 V
IFSM
160 A
VF at IF = 10 A
0.41 V
TJ max.
150 °C
PIN 1
PIN 2
PIN 3
K
VIT2045C
TO-220AB
VT2045C
1
2
3
PIN 1
PIN 2
CASE
PIN 3
TMBS
®
1
K
2
3
TO-262AA
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VT2045C
VIT2045C
UNIT
Maximum repetitive peak reverse voltage
VRRM
45
V
Maximum average forward rectified current (fig. 1)
per device
IF(AV)
20
A
per diode
10
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load per diode
IFSM
160
A
Operating junction and storage temperature range
TJ, TSTG
- 40 to + 150
°C


Similar Part No. - VT2045C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VT2045C VISHAY-VT2045C Datasheet
124Kb / 5P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
30-Nov-10
VT2045C VISHAY-VT2045C Datasheet
142Kb / 5P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifiers
09-Nov-17
logo
Inchange Semiconductor ...
VT2045C ISC-VT2045C Datasheet
249Kb / 2P
Schottky Barrier Rectifier
logo
Vishay Siliconix
VT2045C-M3 VISHAY-VT2045C-M3 Datasheet
131Kb / 6P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
21-Nov-13
VT2045CB VISHAY-VT2045CB Datasheet
122Kb / 5P
Trench MOS Barrier Schottky Rectifier
29-Oct-13
More results

Similar Description - VT2045C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VT3045C VISHAY-VT3045C Datasheet
125Kb / 5P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
23-Mar-11
VT4045C VISHAY-VT4045C Datasheet
125Kb / 5P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
23-Mar-11
VT6045C VISHAY-VT6045C Datasheet
125Kb / 5P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
30-Nov-10
VFT2045C-M3 VISHAY-VFT2045C-M3 Datasheet
80Kb / 5P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
22-Nov-13
VT2045C-M3 VISHAY-VT2045C-M3 Datasheet
131Kb / 6P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
21-Nov-13
VFT4045C-M3 VISHAY-VFT4045C-M3 Datasheet
85Kb / 5P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
22-Nov-13
VT6045C VISHAY-VT6045C_15 Datasheet
135Kb / 6P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
23-Mar-11
V10D45C VISHAY-V10D45C Datasheet
123Kb / 6P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
09-Dec-13
V30D45C VISHAY-V30D45C_15 Datasheet
119Kb / 5P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
06-May-15
VT6045C-M3 VISHAY-VT6045C-M3_15 Datasheet
128Kb / 5P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
22-Nov-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com