Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT2080C Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VT2080C
Description  Dual Trench MOS Barrier Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VT2080C Datasheet(HTML) 1 Page - Vishay Siliconix

  VT2080C Datasheet HTML 1Page - Vishay Siliconix VT2080C Datasheet HTML 2Page - Vishay Siliconix VT2080C Datasheet HTML 3Page - Vishay Siliconix VT2080C Datasheet HTML 4Page - Vishay Siliconix VT2080C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VT2080C-E3, VFT2080C-E3, VBT2080C-E3, VIT2080C-E3
www.vishay.com
Vishay General Semiconductor
Revision: 11-Sep-13
1
Document Number: 89166
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Dual Trench MOS Barrier Schottky Rectifier
Ultra Low VF = 0.52 V at IF = 5 A
FEATURES
• Trench MOS Schottky technology
• Low forward voltage drop, low power losses
• High efficiency operation
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 245 °C (for TO-263AB package)
• Solder bath temperature 275 °C maximum, 10 s,
per JESD 22-B106 (for TO-220AB, ITO-220AB,
and TO-262AA package)
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in high frequency converters, switching power
supplies, freewheeling diodes, OR-ing diode, DC/DC
converters and reverse battery protection.
MECHANICAL DATA
Case:
TO-220AB,
ITO-220AB,
TO-263AB
and
TO-262AA
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs maximum
PRIMARY CHARACTERISTICS
IF(AV)
2 x 10 A
VRRM
80 V
IFSM
100 A
VF at IF = 10 A
0.60 V
TJ max.
150 °C
Package
TO-220AB, ITO-220AB,
TO-263AB, TO-262AA
Diode variations
Common cathode
TO-220AB
1
2
3
1
K
2
3
TO-263AB
1
2
K
TO-262AA
PIN 1
PIN 2
K
HEATSINK
PIN 1
PIN 2
CASE
PIN 3
PIN 1
PIN 2
PIN 3
PIN 1
PIN 2
PIN 3
K
TMBS
®
ITO-220AB
1
2
3
VT2080C
VFT2080C
VIT2080C
VBT2080C
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VT2080C
VFT2080C VBT2080C
VIT2080C
UNIT
Maximum repetitive peak reverse voltage
VRRM
80
V
Maximum average forward rectified current (fig. 1)
per device
IF(AV)
20
A
per diode
10
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load per diode
IFSM
100
A
Non-repetitive avalanche energy at TJ = 25 °C, L = 60 mH per diode
EAS
110
mJ
Peak repetitive reverse current at tp = 2 μs, 1 kHz,
TJ = 38 °C ± 2 °C per diode
IRRM
1.0
A
Isolation voltage (ITO-220AB only) from terminal to heatsink t = 1 min
VAC
1500
V
Operating junction and storage temperature range
TJ, TSTG
-55 to +150
°C


Similar Part No. - VT2080C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VT2080C VISHAY-VT2080C Datasheet
148Kb / 5P
Dual Trench MOS Barrier Schottky Rectifier
08-Sep-09
VT2080C VISHAY-VT2080C Datasheet
163Kb / 6P
Dual Trench MOS Barrier Schottky Rectifier
11-Sep-13
VT2080C-E3 VISHAY-VT2080C-E3 Datasheet
158Kb / 6P
Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 5 A
14-Dec-16
VT2080C-E3 VISHAY-VT2080C-E3 Datasheet
204Kb / 6P
Dual Trench MOS Barrier Schottky Rectifier
16-Mar-18
VT2080C-E3/4W VISHAY-VT2080C-E3/4W Datasheet
148Kb / 5P
Dual Trench MOS Barrier Schottky Rectifier
08-Sep-09
More results

Similar Description - VT2080C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBT4060C VISHAY-VBT4060C Datasheet
81Kb / 4P
Dual Trench MOS Barrier Schottky Rectifier
07-Dec-10
VFT4060C VISHAY-VFT4060C Datasheet
79Kb / 4P
Dual Trench MOS Barrier Schottky Rectifier
07-Dec-10
VT3080C VISHAY-VT3080C Datasheet
131Kb / 5P
Dual Trench MOS Barrier Schottky Rectifier
23-Mar-11
V20WM100C-M3 VISHAY-V20WM100C-M3 Datasheet
121Kb / 5P
Dual Trench MOS Barrier Schottky Rectifier
04-Dec-13
V15W60C-M3 VISHAY-V15W60C-M3 Datasheet
123Kb / 5P
Dual Trench MOS Barrier Schottky Rectifier
04-Dec-13
V12W60C-M3 VISHAY-V12W60C-M3 Datasheet
123Kb / 5P
Dual Trench MOS Barrier Schottky Rectifier
04-Dec-13
V30D60C VISHAY-V30D60C Datasheet
123Kb / 6P
Dual Trench MOS Barrier Schottky Rectifier
09-Dec-13
VT3080C VISHAY-VT3080C_15 Datasheet
166Kb / 5P
Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.46 V at IF = 5 A
25-Oct-13
V30DL50C-M3 VISHAY-V30DL50C-M3 Datasheet
128Kb / 6P
Dual Trench MOS Barrier Schottky Rectifier
13-Dec-13
logo
Unisonic Technologies
TGBR30L45C UTC-TGBR30L45C Datasheet
153Kb / 3P
DUAL TRENCH MOS SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com