Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT3045CBP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VT3045CBP
Description  Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VT3045CBP Datasheet(HTML) 1 Page - Vishay Siliconix

  VT3045CBP Datasheet HTML 1Page - Vishay Siliconix VT3045CBP Datasheet HTML 2Page - Vishay Siliconix VT3045CBP Datasheet HTML 3Page - Vishay Siliconix VT3045CBP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 89365
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 26-Oct-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
Trench MOS Barrier Schottky Rectifier
for PV Solar Cell Bypass Protection
Ultra Low VF = 0.30 V at IF = 5.0 A
VT3045CBP
Vishay General Semiconductor
New Product
FEATURES
• Trench MOS Schottky technology
• Low forward voltage drop, low power losses
• High efficiency operation
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
• Halogen-free according to IEC 61249-2-21 definition
TYPICAL APPLICATIONS
For use in solar cell junction box as a bypass diode for
protection, using DC forward current without reverse bias.
MECHANICAL DATA
Case: TO-220AB
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS compliant, and
commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs maximum
Notes
(1) With heatsink
(2) Meets the requirements of IEC 61215 ed. 2 bypass diode thermal test
PRIMARY CHARACTERISTICS
IF(AV)
2 x 15 A
VRRM
45 V
IFSM
200 A
VF at IF = 15 A
0.39 V
TOP max.
150 °C
TO-220AB
VT3045CBP
1
2
3
PIN 1
PIN 2
CASE
PIN 3
TMBS
®
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VT3045CBP
UNIT
Maximum repetitive peak reverse voltage
VRRM
45
V
Maximum average forward rectified current (fig. 1)
per device
IF(AV) (1)
30
A
per diode
15
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load per diode
IFSM
200
A
Operating junction and storage temperature range
TOP, TSTG
- 40 to + 150
°C
Junction temperature in DC forward current
without reverse bias, t
≤ 1 h
TJ (2)
≤ 200
°C


Similar Part No. - VT3045CBP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VT3045CBP VISHAY-VT3045CBP Datasheet
137Kb / 5P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
15-Dec-16
VT3045CBP VISHAY-VT3045CBP_15 Datasheet
126Kb / 4P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
20-Aug-15
VT3045CBP VISHAY-VT3045CBP_V01 Datasheet
137Kb / 5P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
15-Dec-16
More results

Similar Description - VT3045CBP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBT4045BP VISHAY-VBT4045BP Datasheet
92Kb / 4P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
23-Feb-12
VFT3045BP VISHAY-VFT3045BP Datasheet
84Kb / 4P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
23-Feb-12
VT4045BP VISHAY-VT4045BP Datasheet
115Kb / 4P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
23-Feb-12
V30DL45BP VISHAY-V30DL45BP_15 Datasheet
115Kb / 5P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
18-Mar-14
VBT3045CBP-M3 VISHAY-VBT3045CBP-M3_15 Datasheet
85Kb / 4P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
30-Apr-13
VFT3045CBP VISHAY-VFT3045CBP_15 Datasheet
83Kb / 4P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
20-Aug-15
VT6045CBP VISHAY-VT6045CBP_15 Datasheet
126Kb / 4P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
20-Aug-15
VFT4045BP VISHAY-VFT4045BP_V01 Datasheet
137Kb / 4P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
19-Mar-18
VBT1045BP-M3 VISHAY-VBT1045BP-M3_V01 Datasheet
87Kb / 4P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
30-Apr-13
VBT2045CBP-M3 VISHAY-VBT2045CBP-M3_V01 Datasheet
104Kb / 4P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection Ultra Low VF = 0.33 V at IF = 5.0 A
02-Jul-2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com