Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT3045CBP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VT3045CBP
Description  Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VT3045CBP Datasheet(HTML) 3 Page - Vishay Siliconix

  VT3045CBP Datasheet HTML 1Page - Vishay Siliconix VT3045CBP Datasheet HTML 2Page - Vishay Siliconix VT3045CBP Datasheet HTML 3Page - Vishay Siliconix VT3045CBP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 89365
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 26-Oct-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
VT3045CBP
Vishay General Semiconductor
New Product
Fig. 3 - Typical Instantaneous Forward Characteristics Per Diode
Fig. 4 - Typical Reverse Characteristics Per Diode
Fig. 5 - Typical Junction Capacitance Per Diode
Fig. 6 - Typical Transient Thermal Impedance Per Diode
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Instantaneous Forward Voltage (V)
0
0.2
0.4
0.7
100
10
1
0.1
T
A = 150 °C
T
A = 125 °C
T
A = 100 °C
T
A = 25 °C
0.6
0.1
0.3
0.5
20
40
60
80
100
1
0.1
0.01
0.001
100
10
Percent of Rated Peak Reverse Voltage (%)
T
A = 150 °C
T
A = 25 °C
T
A = 100 °C
T
A = 125 °C
100
10 000
100 000
0.1
1
10
100
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
1000
10
0.1
0.01
0.1
1
10
100
t - Pulse Duration (s)
Junction to Case
1
TO-220AB
0.113 (2.87)
0.103 (2.62)
0.370 (9.40)
0.360 (9.14)
0.415 (10.54) MAX.
0.635 (16.13)
0.625 (15.87)
PIN
0.160 (4.06)
0.140 (3.56)
0.057 (1.45)
0.045 (1.14)
0.105 (2.67)
0.095 (2.41)
0.104 (2.65)
0.096 (2.45)
0.205 (5.20)
0.195 (4.95)
0.035 (0.90)
0.028 (0.70)
0.154 (3.91)
0.148 (3.74)
1
3
2
0.185 (4.70)
0.175 (4.44)
0.055 (1.39)
0.045 (1.14)
0.145 (3.68)
0.135 (3.43)
0.350 (8.89)
0.330 (8.38)
1.148 (29.16)
1.118 (28.40)
0.560 (14.22)
0.530 (13.46)
0.022 (0.56)
0.014 (0.36)
0.110 (2.79)
0.100 (2.54)
0.603 (15.32)
0.573 (14.55)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com