Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT10200C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VT10200C
Description  Trench MOS Barrier Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VT10200C Datasheet(HTML) 2 Page - Vishay Siliconix

  VT10200C Datasheet HTML 1Page - Vishay Siliconix VT10200C Datasheet HTML 2Page - Vishay Siliconix VT10200C Datasheet HTML 3Page - Vishay Siliconix VT10200C Datasheet HTML 4Page - Vishay Siliconix VT10200C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 89177
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 09-Dec-09
VT10200C, VFT10200C, VBT10200C, VIT10200C
Vishay General Semiconductor
New Product
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
≤ 40 ms
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics Per Device
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Breakdown voltage
IR = 1.0 mA
TA = 25 °C
VBR
200 (minimum)
-
V
Instantaneous forward voltage per diode
IF = 2.5 A
TA = 25 °C
VF (1)
0.81
-
V
IF = 5.0 A
1.10
1.60
IF = 2.5 A
TA = 125 °C
0.58
-
IF = 5.0 A
0.65
0.73
Reverse current per diode
VR = 180 V
TA = 25 °C
IR (2)
1.7
-
μA
TA = 125 °C
1.8
-
mA
VR = 200 V
TA = 25 °C
-
150
μA
TA = 125 °C
2.5
10
mA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VT10200C
VFT10200C
VBT10200C
VIT10200C
UNIT
Typical thermal resistance
per diode
RθJC
3.5
7.0
3.5
3.5
°C/W
per device
2.5
5.5
2.5
2.5
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AB
VT10200C-E3/4W
1.88
4W
50/tube
Tube
ITO-220AB
VFT10200C-E3/4W
1.72
4W
50/tube
Tube
TO-263AB
VBT10200C-E3/4W
1.37
4W
50/tube
Tube
TO-263AB
VBT10200C-E3/8W
1.37
8W
800/reel
Tape and reel
TO-262AA
VIT10200C-E3/4W
1.44
4W
50/tube
Tube
Case Temperature (°C)
12
4
0
25
50
75
100
125
VFT10200C
Mounted on Specific Heatsink
2
10
8
6
0
150
V(B,I)T10200C
Resistive or Inductive Load
0
2
4
7
10
011
Average Forward Current (A)
3
5
9
9
7
5
3
1
1
10
8
6
4
2
6
8
D = t
p/T
t
p
T
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com