Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT10200C Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VT10200C
Description  Trench MOS Barrier Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VT10200C Datasheet(HTML) 3 Page - Vishay Siliconix

  VT10200C Datasheet HTML 1Page - Vishay Siliconix VT10200C Datasheet HTML 2Page - Vishay Siliconix VT10200C Datasheet HTML 3Page - Vishay Siliconix VT10200C Datasheet HTML 4Page - Vishay Siliconix VT10200C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 89177
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 09-Dec-09
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
VT10200C, VFT10200C, VBT10200C, VIT10200C
Vishay General Semiconductor
New Product
Fig. 3 - Typical Instantaneous Forward Characteristics Per Diode
Fig. 4 - Typical Reverse Characteristics Per Diode
Fig. 5 - Typical Junction Capacitance Per Diode
Fig. 6 - Typical Transient Thermal Impedance Per Device
Instantaneous Forward Voltage (V)
0
0.2
0.4
0.8
1.2
1.6
100
10
0.1
0.6
1.0
1
1.4
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
T
A = 100 °C
20
30
40
50
60
70
80
90
100
Percent of Rated Peak Reverse Voltage (%)
0.1
0.01
0.001
0.0001
10
1
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
T
A = 100 °C
1000
0.1
1
10
100
Reverse Voltage (V)
10
100
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
10
1
0.01
0.1
1
10
100
t - Pulse Duration (s)
V(B,I)T10200C
Junction to Case
VFT10200C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com