Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTL Datasheet(PDF) 9 Page - Vishay Siliconix

Part # XTL
Description  Wet Tantalum Capacitors Cylindrical Body, Hermetically Sealed
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

XTL Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button XTL Datasheet HTML 3Page - Vishay Siliconix XTL Datasheet HTML 4Page - Vishay Siliconix XTL Datasheet HTML 5Page - Vishay Siliconix XTL Datasheet HTML 6Page - Vishay Siliconix XTL Datasheet HTML 7Page - Vishay Siliconix XTL Datasheet HTML 8Page - Vishay Siliconix XTL Datasheet HTML 9Page - Vishay Siliconix XTL Datasheet HTML 10Page - Vishay Siliconix XTL Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
XTH, XTK, XTL, XTM, XTV
www.vishay.com
Vishay
Revision: 25-Jul-11
9
Document Number: 42077
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
04022 RATINGS AND CASE CODES
DSCC
DRAWING
04022
PIN
CAP.
(NOM.)
CAP.
TOLERANCE
DC LEAKAGE MAX.
(μA)
ESR MAX.
120 Hz
25 °C
IMPEDANCE
MAX.
CAPACITANCE
CHANGE
(%)
RIPPLE
CURRENT
1/
DIMENSION
L
± 0.062 (1.57)
FIGURE
(μF)
(%)
+ 25 °C + 85 °C + 125 °C
(
)()
- 55 °C + 85 °C + 125 °C
(mA)
(INCHES)
30 VDC AT + 85 °C RATED; 34.5 VDC AT + 85 °C SURGE
39
370
± 20
18
125
180
1.7
15
- 65
+ 20
+ 25
550
0.600 (15.24)
1C
40
370
+ 50, - 15
18
125
180
1.7
15
- 65
+ 20
+ 25
550
0.600 (15.24)
1C
41
650
± 20
21
145
210
1.8
15
- 85
+ 20
+ 25
694
1.100 (27.94)
1C
42
650
+ 50, - 15
21
145
210
1.8
15
- 85
+ 20
+ 25
694
1.100 (27.94)
1C
43
1300
± 20
27
190
270
1.8
10
- 85
+ 20
+ 25
694
1.100 (27.94)
1C
44
1300
+ 50, - 15
27
190
270
1.8
10
- 85
+ 20
+ 25
694
1.100 (27.94)
1C
60 VDC AT + 85 °C RATED; 69 VDC AT + 85 °C SURGE
45
200
± 20
19
135
190
1.8
30
- 50
+ 20
+ 25
550
0.600 (15.24)
1C
46
200
+ 50, - 15
19
135
190
1.8
30
- 50
+ 20
+ 25
550
0.600 (15.24)
1C
47
350
± 20
22
155
220
1.8
25
- 70
+ 20
+ 25
694
1.100 (27.94)
1C
48
350
+ 50, - 15
22
155
220
1.8
25
- 70
+ 20
+ 25
694
1.100 (27.94)
1C
49
700
± 20
29
200
290
1.8
15
- 70
+ 20
+ 25
694
1.100 (27.94)
1C
50
700
+ 50, - 15
29
200
290
1.8
15
- 70
+ 20
+ 25
694
1.100 (27.94)
1C
90 VDC AT + 85 °C RATED; 103 VDC AT + 85 °C SURGE
51
120
± 20
19
135
190
1.7
40
- 40
+ 20
+ 25
550
0.600 (15.24)
1C
52
120
+ 50, - 15
19
135
190
1.7
40
- 40
+ 20
+ 25
550
0.600 (15.24)
1C
53
220
± 20
21
145
210
1.8
30
- 60
+ 20
+ 25
694
1.100 (27.94)
1C
54
220
+ 50, - 15
21
145
210
1.8
30
- 60
+ 20
+ 25
694
1.100 (27.94)
1C
55
450
± 20
29
195
290
1.7
35
- 60
+ 20
+ 25
694
1.100 (27.94)
1C
56
450
+ 50, - 15
29
195
290
1.7
35
- 60
+ 20
+ 25
694
1.100 (27.94)
1C
180 VDC AT + 85 °C RATED; 207 VDC AT + 85 °C SURGE
57
42
± 20
17
120
170
6
75
- 40
+ 20
+ 25
363
0.976 (24.79)
1C
58
42
+ 50, - 15
17
120
170
6
75
- 40
+ 20
+ 25
363
0.976 (24.79)
1C
59
60
± 20
19
135
190
3.4
60
- 40
+ 20
+ 25
363
0.976 (24.79)
1C
60
60
+ 50, - 15
19
135
190
3.4
60
- 40
+ 20
+ 25
363
0.976 (24.79)
1C
61
110
± 20
21
145
210
3.5
60
- 60
+ 20
+ 25
631
1.938 (49.23)
1C
62
110
+ 50, - 15
21
145
210
3.5
60
- 60
+ 20
+ 25
631
1.938 (49.23)
1C
63
230
± 20
29
200
290
3.5
50
- 60
+ 20
+ 25
631
1.938 (49.23)
1C
64
230
+ 50, - 15
29
200
290
3.5
50
- 60
+ 20
+ 25
631
1.938 (49.23)
1C
270 VDC AT + 85 °C RATED; 310 VDC AT + 85 °C SURGE
65
28
± 20
19
120
190
9
80
- 40
+ 20
+ 25
339
1.350 (34.29)
1C
66
28
+ 50, - 15
19
120
190
9
80
- 40
+ 20
+ 25
339
1.350 (34.29)
1C
67
40
± 20
19
135
190
8.8
100
- 40
+ 20
+ 25
339
1.350 (34.29)
1C
68
40
+ 50, - 15
19
135
190
8.8
100
- 40
+ 20
+ 25
339
1.350 (34.29)
1C
69
75
± 20
21
145
210
5.2
90
- 60
+ 20
+ 25
608
2.812 (71.42)
1C
70
75
+ 50, - 15
21
145
210
5.2
90
- 60
+ 20
+ 25
608
2.812 (71.42)
1C
71
150
± 20
28
195
280
5.4
75
- 60
+ 20
+ 25
608
2.812 (71.42)
1C
72
150
+ 50, - 15
28
195
280
5.4
75
- 60
+ 20
+ 25
608
2.812 (71.42)
1C
360 VDC AT + 85 °C RATED; 414 VDC AT + 85 °C SURGE
73
22
± 20
18
125
180
11.4
100
- 40
+ 20
+ 25
323
1.705 (43.31)
1C
74
22
+ 50, - 15
18
125
180
11.6
100
- 40
+ 20
+ 25
323
1.705 (43.31)
1C
75
30
± 20
19
135
190
11.7
120
- 40
+ 20
+ 25
323
1.705 (43.31)
1C
76
30
+ 50, - 15
19
135
190
11.7
120
- 40
+ 20
+ 25
323
1.705 (43.31)
1C
450 VDC AT + 85 °C RATED; 518 VDC AT + 85 °C SURGE
77
17
± 20
18
125
180
15
130
- 40
+ 20
+ 25
315
2.080 (52.83)
1C
78
17
+ 50, - 15
18
125
180
15
130
- 40
+ 20
+ 25
315
2.080 (52.83)
1C
79
25
± 20
19
135
190
15
150
- 40
+ 20
+ 25
315
2.080 (52.83)
1C
80
25
+ 50, - 15
19
135
190
15
150
- 40
+ 20
+ 25
315
2.080 (52.83)
1C
540 VDC AT + 85 °C RATED; 621 VDC AT + 85 °C SURGE
81
14
± 20
17
120
170
18
160
- 40
+ 20
+ 25
309
2.435 (61.85)
1C
82
14
+ 50, - 15
17
120
170
18
160
- 40
+ 20
+ 25
309
2.435 (61.85)
1C
83
20
± 20
19
135
190
18
170
- 40
+ 20
+ 25
309
2.435 (61.85)
1C
84
20
+ 50, - 15
19
135
190
18
170
- 40
+ 20
+ 25
309
2.435 (61.85)
1C
630 VDC AT + 85 °C RATED; 724 VDC AT + 85 °C SURGE
85
12
± 20
17
120
170
16
180
- 40
+ 20
+ 25
306
2.810 (71.37)
1C
86
12
+ 50, - 15
17
120
170
16
180
- 40
+ 20
+ 25
306
2.810 (71.37)
1C
87
18
± 20
19
135
190
16
200
- 40
+ 20
+ 25
306
2.810 (71.37)
1C
88
18
+ 50, - 15
19
135
190
16
200
- 40
+ 20
+ 25
306
2.810 (71.37)
1C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com