Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # XTL
Description  Wet Tantalum Capacitors Cylindrical Body, Hermetically Sealed
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

XTL Datasheet(HTML) 2 Page - Vishay Siliconix

  XTL Datasheet HTML 1Page - Vishay Siliconix XTL Datasheet HTML 2Page - Vishay Siliconix XTL Datasheet HTML 3Page - Vishay Siliconix XTL Datasheet HTML 4Page - Vishay Siliconix XTL Datasheet HTML 5Page - Vishay Siliconix XTL Datasheet HTML 6Page - Vishay Siliconix XTL Datasheet HTML 7Page - Vishay Siliconix XTL Datasheet HTML 8Page - Vishay Siliconix XTL Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
XTH, XTK, XTL, XTM, XTV
www.vishay.com
Vishay
Revision: 25-Jul-11
2
Document Number: 42077
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STANDARD RATINGS AND DIMENSIONS
CAPACITANCE
MAX.
WORKING
VOLTAGE
TYP.
ESR
MAX. DCL AT
MAX. VDC
(μA)
MAX.
Z
- 55 °C
MAX. % CAP.
CHANGE FROM
ROOM TEMP.
APPROX.
WEIGHT
MAX.
RIPPLE
120 Hz
RMS
- 55 °C
TO
+ 175 °C
SIZE
PART
NUMBER
D
+ 0.031
- 0.015
H
+ 0.062
- 0.062
(μF)
+ 125 °C + 175 °C (
) + 85 °C + 125 °C + 175 °C () - 55 °C + 85 °C + 175 °C
(g)
(mA)
8 VDC AT + 85 °C
70
7
5
10.0
30
45
60
60
- 60
+ 30
+ 30
14
137
0.656
0.438 XTK706(1)008P0A
140
7
5
5.0
50
75
100
30
- 60
+ 30
+ 30
15
213
0.656
0.562 XTM147(1)008P0A
10 VDC AT + 85 °C
50
8.5
7
10.0
25
37
50
75
- 60
+ 30
+ 30
14
137
0.656
0.438 XTK506(1)010P0A
100
8.5
7
5.0
45
67
90
40
- 60
+ 30
+ 30
15
213
0.656
0.562 XTM107(1)010P0A
12 VDC AT + 85 °C
580
10
8
1.5
135
197
270
20
- 90
+ 20
+ 35
48
550
1.125
0.600 XTV587(1)012P0A
850
10
8
1.5
135
197
270
20
- 90
+ 20
+ 35
50
550
1.125
0.600 XTV857(1)012P0A
1100
10
8
1.5
135
197
270
20
- 90
+ 20
+ 35
60
694
1.125
1.100 XTV118(1)012P0A
2200
10
8
1.5
135
197
270
20
- 90
+ 20
+ 35
82
694
1.125
1.100 XTV228(1)012P0A
18 VDC AT + 85 °C
35
15
12
10.0
30
45
60
85
- 60
+ 30
+ 30
14
137
0.656
0.438 XTK356(1)018P0A
70
15
12
5.0
50
75
100
45
- 60
+ 30
+ 30
15
213
0.656
0.562 XTM706(1)018P0A
120
15
12
2.8
50
75
100
30
- 60
+ 15
+ 40
26
328
0.875
0.540 XTL127(1)018P0A
240
15
12
2.5
80
120
160
20
- 60
+ 15
+ 40
32
390
0.875
0.732 XTH247(1)018P0A
390
15
12
1.5
165
227
330
20
- 85
+ 20
+ 35
48
550
1.125
0.600 XTV397(1)018P0A
560
15
12
1.5
165
227
330
20
- 85
+ 20
+ 35
50
550
1.125
0.600 XTV567(1)018P0A
900
15
12
1.5
165
227
330
20
- 85
+ 20
+ 35
68
694
1.125
1.100 XTV907(1)018P0A
1800
15
12
1.5
165
227
330
20
- 85
+ 20
+ 35
82
694
1.125
1.100 XTV188(1)018P0A
20 VDC AT + 85 °C
28
17.5
13
10.0
30
45
60
85
- 60
+ 30
+ 30
14
137
0.656
0.438 XTK286(1)020P0A
56
17.5
13
5.0
50
75
100
45
- 60
+ 30
+ 30
15
213
0.656
0.562 XTM566(1)020P0A
100
17.5
13
2.8
50
75
100
30
- 60
+ 15
+ 40
26
328
0.875
0.540 XTL107(1)020P0A
200
17.5
13
2.5
80
120
160
20
- 60
+ 15
+ 40
32
390
0.875
0.732 XTH207(1)020P0A
30 VDC AT + 85 °C
20
25
20
10.0
35
52
70
125
- 40
+ 20
+ 20
14
137
0.656
0.438 XTK206(1)030P0A
40
25
20
5.0
60
90
120
75
- 40
+ 20
+ 20
15
213
0.656
0.562 XTM406(1)030P0A
75
25
20
2.7
55
82
110
45
- 45
+ 15
+ 30
26
333
0.875
0.540 XTL756(1)030P0A
150
25
20
2.7
90
135
180
30
- 45
+ 15
+ 30
32
375
0.875
0.732 XTH157(1)030P0A
250
25
20
2.5
195
287
390
20
- 65
+ 20
+ 35
48
427
1.125
0.600 XTV257(1)030P0A
370
25
20
1.5
125
170
215
15
- 65
+ 20
+ 35
50
550
1.125
0.600 XTV377(1)030P0A
650
25
20
1.5
145
202
250
15
- 85
+ 20
+ 35
68
694
1.125
1.100 XTV657(1)030P0A
1300
25
20
1.5
190
282
375
10
- 85
+ 20
+ 35
82
694
1.125
1.100 XTV138(1)030P0A
35 VDC AT + 85 °C
20
30
23
10.0
35
52
72
125
- 40
+ 20
+ 20
14
137
0.656
0.438 XTK206(1)035P0A
40
30
23
5.0
60
90
120
75
- 40
+ 20
+ 20
15
213
0.656
0.562 XTM406(1)035P0A
60
30
23
2.7
55
82
110
45
- 45
+ 10
+ 30
26
333
0.875
0.540 XTL606(1)035P0A
Note
• Part number definitions:
(1) Tolerance code:
T = - 15 % to + 50 % (standard for XTK, XTM, XTV)
U = -15 % to + 75 % (standard for XTH, XTL)
M = ± 20 % (available by special order)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com