Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP16 Datasheet(PDF) 1 Page - E-SWITCH

Part # LP16
Description  LP16 SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

LP16 Datasheet(HTML) 1 Page - E-SWITCH

  LP16 Datasheet HTML 1Page - E-SWITCH LP16 Datasheet HTML 2Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.e-switch.com
800.867.2717
RoHS
1
SPECIFICATIONS
PART NUMBER CONFIGURATOR
FEATURES & BENEFITS
Audio / Visual
Computer Peripherals
Networking
Telecommunication
Instrumentation
APPLICATIONS / MARKETS
LP16 SERIES
LP16
OA
1
- SPST
A
- 12.2mm Sq.
B
- 14.6mm Sq.
S
- Sculptured
T
- Transparent*
R
- Red
G
- Green
B
- Blue
Y
- Yellow
W
- White
R
- Red
G
- Green
B
- Blue
Y
- Yellow
T
- Transparent**
N
- No LED
R
- Red
G
- Green
Y
- Yellow
B
- Blue
Series
Function
Stye
Circuit
Cap Size
Cap
Configuration
Cap Color
Diffuser
Color
LED Color Options
Electrical Rating:
100mA, 20VDC
Life Expectancy:
50,000,000 Cycles
Contact Resistance:
150mΩ Max.
Insulation Resistance:
10MΩ Min. at 500VDC
Dielectric Strength:
500VAC for 1 Minute
Operating Temperature:
-5°C to 60°C
Operating Force:
250gf ± 50gf
Total Travel:
3.3mm ± 0.3mm
Functions:
SPST, Off-(On)
Specifications subject to change without notice
* Always used when a diffuser color is defined
** Always used when a cap color is defined
• 50,000,000 cycle life expectancy
• Long 3.3mm travel
• Illumination options
• 2 cap sizes
• Price competitive


Similar Part No. - LP16

ManufacturerPart #DatasheetDescription
logo
Altech corporation
LP16 ALTECH-LP16 Datasheet
455Kb / 1P
30 mm Legend Plates LPxxx (xxx= Title)
logo
Superworld Electronics
LP16-150 SUPERWORLD-LP16-150 Datasheet
109Kb / 1P
POWER TRANSFORMER
LP16-1500 SUPERWORLD-LP16-1500 Datasheet
110Kb / 1P
POWER TRANSFORMER
logo
Pulse A Technitrol Comp...
LP16-150B25 PULSE-LP16-150B25 Datasheet
152Kb / 1P
Laminated Transformers
LP16-150B25 PULSE-LP16-150B25 Datasheet
147Kb / 4P
IGNITION TRANSFORMERS
More results

Similar Description - LP16

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com