Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP16 Datasheet(PDF) 2 Page - E-SWITCH

Part # LP16
Description  LP16 SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

LP16 Datasheet(HTML) 2 Page - E-SWITCH

  LP16 Datasheet HTML 1Page - E-SWITCH LP16 Datasheet HTML 2Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.e-switch.com
800.867.2717
LP16 SERIES
2
LP16 - “B” CAP SIZE
LP16 - “A” CAP SIZE
12.20
[.480 in]
12.20
[.480 in]
12.30
[.484 in]
31.50
[1.240 in]
17.30
[.681 in]
6.00
[.236 in]
7.50
[.295 in]
2.54
[.100 in]
7.60
[.299 in]
4.20
[.165 in]
5.10
[.201 in]
.40
[.016 in]
.50
[.020 in]
1
2
23
21.20
[.835 in]
CLEAR CAP WITH
WHITE DIFFUSER
CATHODE
12.30
[.484 in]
14.60
[.574 in]SQ
21.20
[.835 in]
31.55
[1.242 in]
17.30
[.681 in]
2.54
[.100 in]
7.60
[.299 in]
.50
[.020 in]
5.10
[.201 in]
6.10
[.240 in]
7.60
[.299 in]
4.20
[.165 in]
.40
[.016 in]
1
2
2
3
CLEAR CAP WITH
WHITE DIFFUSER
CATHODE
PCB LAYOUT
2.55
[.100 in]
5.10
[.201 in]
2.54
[.100 in]
7.60
[.299 in]
Ø 1.30
[.051 in]
Ø .60
[.024 in] 4 PLCS
Ø .70
[.028 in]2 PLCS
PCB LAYOUT
2.55
[.100 in]
5.10
[.201 in]
7.60
[.299 in]
Ø .60
[.024 in]4 PLCS
Ø 1.30
[.051 in]
2.54
[.100 in]
Ø .70
[.028 in] 2 PLCS
SCHEMATIC
1
2
3
4
X
Y
SCHEMATIC
1
2
3
4
YX



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com