Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL53DF100Q Datasheet(PDF) 1 Page - E-SWITCH

Part # TL53DF100Q
Description  TACT SWITCHES - Dual
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

TL53DF100Q Datasheet(HTML) 1 Page - E-SWITCH

  TL53DF100Q Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.e-switch.com
info@e-switch.com
35
SERIES TL 53 SWITCHES
Specifications subject to change without notice.
SERIES
OPERATING
FORCE
CONTACT
MATERIAL
ACTUATOR
("L" Dimension)
53
F100
F160
F260
Q = Silver
MODEL NO.
TL
Example Ordering Number
TL _ 53_ B_ F100 _ Q
TACT SWITCHES - Dual
TL 53
SPECIFICATIONS
Contact Rating:
50mA @ 12 VDC
Life Expectancy:
100,000 cycles
Contact Resistance:
100mΩ max., typical @ 2-4 VDC
100mA for both silver and gold plated contacts
Insulation Resistance:
100MΩ min.
Dielectric Strength:
250VAC
Actuation Force:
100 ± 50 gf, 160 ± 50 gf, 250 ± 50 gf
Operating Temperature: -20°C to 70°C
Travel:
0.25 Typ
MATERIALS
Housing:
Polyester
Actuator:
Acetal
Cover:
Tin plated steel
Contacts:
Silver plated phosphor bronze
Terminals:
Silver plated brass
HOW TO ORDER
(None) = 3.15mm
A = 3.85mm
B = 5.85mm
C = 6.15mm
D = 6.85mm
E = 7.35mm
G = 8.35mm
H = 11.85mm
Operating Force
F100 = 100 ± 50gf
F160 = 160 ± 50gf
F260 = 260 ± 50gf
SCHEMATIC
P.C. MOUNTING
TL
FEATURES & BENEFITS
Two independent switches in a
single package
Stacked design
Reliable dome contact technology
APPLICATIONS/MARKETS
Telecommunications
Consumer Electronics
Audio/visual
Medical
Testing/instrumentation
Computer/servers/peripherals


Similar Part No. - TL53DF100Q

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TL5 TIMOTION-TL5 Datasheet
548Kb / 6P
Max. load 800N (push)
20230207-I
logo
Banner Engineering Corp...
TL50 BANNER-TL50 Datasheet
1Mb / 8P
TL50 Tower Light
logo
Texas Instruments
TL500 TI-TL500 Datasheet
348Kb / 23P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Bookham, Inc.
TL5000DCJ BOOKHAM-TL5000DCJ Datasheet
504Kb / 7P
LambdaFLEX??iTLA
TL5000DLJ BOOKHAM-TL5000DLJ Datasheet
176Kb / 7P
LambdaFLEX??iTLA TL5000 Integrable Tunable Laser Assembly
More results

Similar Description - TL53DF100Q

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL1107 E-SWITCH-TL1107 Datasheet
278Kb / 2P
TACT SWITCHES
logo
List of Unclassifed Man...
PHAP33 ETC2-PHAP33 Datasheet
403Kb / 14P
Tact switches
logo
E-SWITCH
TL3300 E-SWITCH-TL3300 Datasheet
194Kb / 2P
TACT SWITCHES
320 E-SWITCH-320 Datasheet
327Kb / 3P
TACT SWITCHES
TL1150 E-SWITCH-TL1150 Datasheet
94Kb / 1P
TACT SWITCHES
TL2243 E-SWITCH-TL2243 Datasheet
1Mb / 1P
TACT SWITCHES - Dual
TL3350 E-SWITCH-TL3350 Datasheet
135Kb / 1P
TACT SWITCHES SMT - DUAL ACTION
logo
Highly Electric Co., Lt...
PB614 HIGHLY-PB614 Datasheet
2Mb / 5P
TACT SWITCHES
TP6141 HIGHLY-TP6141 Datasheet
1Mb / 2P
TACT SWITCHES
TP6149T HIGHLY-TP6149T Datasheet
952Kb / 2P
TACT SWITCHES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com