Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS2001MPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRS2001MPBF
Description  HIGH AND LOW SIDE DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2001MPBF Datasheet(HTML) 2 Page - International Rectifier

  IRS2001MPBF Datasheet HTML 1Page - International Rectifier IRS2001MPBF Datasheet HTML 2Page - International Rectifier IRS2001MPBF Datasheet HTML 3Page - International Rectifier IRS2001MPBF Datasheet HTML 4Page - International Rectifier IRS2001MPBF Datasheet HTML 5Page - International Rectifier IRS2001MPBF Datasheet HTML 6Page - International Rectifier IRS2001MPBF Datasheet HTML 7Page - International Rectifier IRS2001MPBF Datasheet HTML 8Page - International Rectifier IRS2001MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
IRS2001MPBF
www.irf.com
© 2008 International Rectifier
2
Qualification Information
†
Industrial
††
(per JEDEC JESD 47)
Qualification Level
Comments: This IC has passed JEDEC’s Industrial
qualification. IR’s Consumer qualification level is granted
by extension of the higher Industrial level.
Moisture Sensitivity Level
MLPQ4x4 14L
MSL2
†††
(per IPC/JEDEC J-STD-020)
Machine Model
Class A (+/-200V)
(per JEDEC standard JESD22-A115A)
Human Body Model
Class 1C (+/-2000V)
(per JEDEC standard JESD22-A114F)
ESD
Charged Device Model
Class III (+/-1000V)
(per JEDEC standard JESD22-C101D)
IC Latch-Up Test
Class II, Level B
(per AEC-Q100-004)
RoHS Compliant
Yes
†
Qualification standards can be found at International Rectifier’s web site http://www.irf.com/
††
Higher qualification ratings may be available should the user have such requirements. Please
contact your International Rectifier sales representative for further information.
††† Higher MSL ratings may be available for the specific package types listed here. Please contact
your International Rectifier sales representative for further information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com