Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS2001MPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRS2001MPBF
Description  HIGH AND LOW SIDE DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2001MPBF Datasheet(HTML) 3 Page - International Rectifier

  IRS2001MPBF Datasheet HTML 1Page - International Rectifier IRS2001MPBF Datasheet HTML 2Page - International Rectifier IRS2001MPBF Datasheet HTML 3Page - International Rectifier IRS2001MPBF Datasheet HTML 4Page - International Rectifier IRS2001MPBF Datasheet HTML 5Page - International Rectifier IRS2001MPBF Datasheet HTML 6Page - International Rectifier IRS2001MPBF Datasheet HTML 7Page - International Rectifier IRS2001MPBF Datasheet HTML 8Page - International Rectifier IRS2001MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
IRS2001MPBF
www.irf.com
© 2008 International Rectifier
3
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All
voltage parameters are absolute voltages referenced to COM. The thermal resistance and power dissipation
ratings are measured under board mounted and still air conditions.
Recommended Operating Conditions
The input/output logic timing diagram is shown in Fig 1. For proper operation the device should be used within
the recommended conditions. The VS offset rating is tested with all supplies biased at 15V differential.
† Logic operational for VS of -5V to +200V. Logic state held for VS of -5V to –VBS. (Please refer to the
Design Tip DT97-3 for more details).
Symbol
Definition
Min.
Max.
Units
VB
High side floating absolute voltage
-0.3
225
VS
High side floating supply offset voltage
VB - 25
VB + 0.3
VHO
High side floating output voltage
VS - 0.3
VB + 0.3
VCC
Low side and logic fixed supply voltage
-0.3
25
VLO
Low side output voltage
-0.3
VCC + 0.3
VIN
Logic input voltage (HIN & LIN)
-0.3
VCC + 0.3
V
dVS/dt
Allowable offset supply voltage transient
—
50
V/ns
PD
Package power dissipation @ TA ≤ 25°C
—
2.08
W
RthJA
Thermal resistance, junction to ambient
—
36
°C/W
TJ
Junction temperature
—
150
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
—
300
°C
Symbol
Definition
Min.
Max.
Units
VB
High side floating supply absolute voltage
VS + 10
VS + 20
VS
High side floating supply offset voltage
†
200
VHO
High side floating output voltage
VS
VB
VCC
Low side and logic fixed supply voltage
10
20
VLO
Low side output voltage
0
VCC
VIN
Logic input voltage
0
VCC
V
TA
Ambient temperature
-40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com