Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q16CLSNIP Datasheet(PDF) 49 Page - Winbond

Part # W25Q16CLSNIP
Description  2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16CLSNIP Datasheet(HTML) 49 Page - Winbond

Back Button W25Q16CLSNIP Datasheet HTML 45Page - Winbond W25Q16CLSNIP Datasheet HTML 46Page - Winbond W25Q16CLSNIP Datasheet HTML 47Page - Winbond W25Q16CLSNIP Datasheet HTML 48Page - Winbond W25Q16CLSNIP Datasheet HTML 49Page - Winbond W25Q16CLSNIP Datasheet HTML 50Page - Winbond W25Q16CLSNIP Datasheet HTML 51Page - Winbond W25Q16CLSNIP Datasheet HTML 52Page - Winbond W25Q16CLSNIP Datasheet HTML 53Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 77 page
background image
W25Q16CL
Publication Release Date: July 08, 2010
- 49 -
Preliminary - Revision A
11.2.30 Release Power-down / Device ID (ABh)
The Release from Power-down / Device ID instruction is a multi-purpose instruction. It can be used to
release the device from the power-down state, or obtain the devices electronic identification (ID) number.
To release the device from the power-down state, the instruction is issued by driving the /CS pin low,
shifting the instruction code “ABh” and driving /CS high as shown in figure 28a. Release from power-
down will take the time duration of tRES1 (See AC Characteristics) before the device will resume normal
operation and other instructions are accepted. The /CS pin must remain high during the tRES1 time
duration.
When used only to obtain the Device ID while not in the power-down state, the instruction is initiated by
driving the /CS pin low and shifting the instruction code “ABh” followed by 3-dummy bytes. The Device ID
bits are then shifted out on the falling edge of CLK with most significant bit (MSB) first as shown in figure
28. The Device ID values for the W25Q16CL is listed in Manufacturer and Device Identification table. The
Device ID can be read continuously. The instruction is completed by driving /CS high.
When used to release the device from the power-down state and obtain the Device ID, the instruction is
the same as previously described, and shown in figure 28b, except that after /CS is driven high it must
remain high for a time duration of tRES2 (See AC Characteristics). After this time duration the device will
resume normal operation and other instructions will be accepted. If the Release from Power-down /
Device ID instruction is issued while an Erase, Program or Write cycle is in process (when BUSY equals
1) the instruction is ignored and will not have any effects on the current cycle.
Figure 28a. Release Power-down Instruction Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com