Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q16CLSNIP Datasheet(PDF) 21 Page - Winbond

Part # W25Q16CLSNIP
Description  2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16CLSNIP Datasheet(HTML) 21 Page - Winbond

Back Button W25Q16CLSNIP Datasheet HTML 17Page - Winbond W25Q16CLSNIP Datasheet HTML 18Page - Winbond W25Q16CLSNIP Datasheet HTML 19Page - Winbond W25Q16CLSNIP Datasheet HTML 20Page - Winbond W25Q16CLSNIP Datasheet HTML 21Page - Winbond W25Q16CLSNIP Datasheet HTML 22Page - Winbond W25Q16CLSNIP Datasheet HTML 23Page - Winbond W25Q16CLSNIP Datasheet HTML 24Page - Winbond W25Q16CLSNIP Datasheet HTML 25Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 77 page
background image
W25Q16CL
Publication Release Date: July 08, 2010
- 21 -
Preliminary - Revision A
11.2.4 Instruction Set Table 3 (ID, Security Instructions)
INSTRUCTION
NAME
BYTE 1
(CODE)
BYTE 2
BYTE 3
BYTE 4
BYTE 5
BYTE 6
Release Power down /
Device ID
ABh
dummy
dummy
dummy
(ID7-ID0)
(1)
Manufacturer/
Device ID
(2)
90h
dummy
dummy
00h
(MF7-MF0)
(ID7-ID0)
Manufacturer/Device ID
by Dual I/O
92h
A23-A8
A7-A0, M[7:0]
(MF[7:0], ID[7:0])
Manufacture/Device ID
by Quad I/O
94h
A23-A0, M[7:0] xxxx, (MF[7:0], ID[7:0]) (MF[7:0], ID[7:0], …)
JEDEC ID
9Fh
(MF7-MF0)
Manufacturer
(ID15-ID8)
Memory Type
(ID7-ID0)
Capacity
Read Unique ID
4Bh
dummy
dummy
dummy
dummy
(ID63-ID0)
Read SFDP Register
5Ah
00h
00h
A7–A0
dummy
(D7-0)
Erase
Security Registers
(3)
44h
A23–A16
A15–A8
A7–A0
Program
Security Registers
(3)
42h
A23–A16
A15–A8
A7–A0
(D7-0)
(D7-0)
Read
Security Registers
(3)
48h
A23–A16
A15–A8
A7–A0
dummy
(D7-0)
Notes:
1. The Device ID will repeat continuously until /CS terminates the instruction.
2. See Manufacturer and Device Identification table for Device ID information.
3. Security Register Address:
Security Register 1: A23-16 = 00h; A15-8 = 10h; A7-0 = byte address
Security Register 2: A23-16 = 00h; A15-8 = 20h; A7-0 = byte address
Security Register 3: A23-16 = 00h; A15-8 = 30h; A7-0 = byte address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com