Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q16BVZPIP Datasheet(PDF) 49 Page - Winbond

Part # W25Q16BVZPIP
Description  16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16BVZPIP Datasheet(HTML) 49 Page - Winbond

Back Button W25Q16BVZPIP Datasheet HTML 45Page - Winbond W25Q16BVZPIP Datasheet HTML 46Page - Winbond W25Q16BVZPIP Datasheet HTML 47Page - Winbond W25Q16BVZPIP Datasheet HTML 48Page - Winbond W25Q16BVZPIP Datasheet HTML 49Page - Winbond W25Q16BVZPIP Datasheet HTML 50Page - Winbond W25Q16BVZPIP Datasheet HTML 51Page - Winbond W25Q16BVZPIP Datasheet HTML 52Page - Winbond W25Q16BVZPIP Datasheet HTML 53Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
W25Q16BV
Publication Release Date: July 08, 2010
- 49 -
Revision F
11.2.29 Read Manufacturer / Device ID Quad I/O (94h)
The Read Manufacturer / Device ID Quad I/O instruction is an alternative to the Read Manufacturer /
Device ID instruction that provides both the JEDEC assigned manufacturer ID and the specific device ID
at 4x speed.
The Read Manufacturer / Device ID Quad I/O instruction is similar to the Fast Read Quad I/O instruction.
The instruction is initiated by driving the /CS pin low and shifting the instruction code “94h” followed by a
24-bit address (A23-A0) of 000000h, 8-bit Continuous Read Mode Bits and then four clock dummy
cycles, with the capability to input the Address bits four bits per clock. After which, the Manufacturer ID for
Winbond (EFh) and the Device ID are shifted out four bits per clock on the falling edge of CLK with most
significant bit (MSB) first as shown in figure 28. The Device ID values for the W25Q16BV is listed in
Manufacturer and Device Identification table. If the 24-bit address is initially set to 000001h the Device ID
will be read first and then followed by the Manufacturer ID. The Manufacturer and Device IDs can be read
continuously, alternating from one to the other. The instruction is completed by driving /CS high.
Figure 28. Read Manufacturer / Device ID Quad I/O Instruction Sequence Diagram
Note:
The “Continuous Read Mode” bits M(7-0) must be set to Fxh to be compatible with Fast Read Quad I/O instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com