Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q16BVZPIP Datasheet(PDF) 21 Page - Winbond

Part # W25Q16BVZPIP
Description  16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16BVZPIP Datasheet(HTML) 21 Page - Winbond

Back Button W25Q16BVZPIP Datasheet HTML 17Page - Winbond W25Q16BVZPIP Datasheet HTML 18Page - Winbond W25Q16BVZPIP Datasheet HTML 19Page - Winbond W25Q16BVZPIP Datasheet HTML 20Page - Winbond W25Q16BVZPIP Datasheet HTML 21Page - Winbond W25Q16BVZPIP Datasheet HTML 22Page - Winbond W25Q16BVZPIP Datasheet HTML 23Page - Winbond W25Q16BVZPIP Datasheet HTML 24Page - Winbond W25Q16BVZPIP Datasheet HTML 25Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
W25Q16BV
Publication Release Date: July 08, 2010
- 21 -
Revision F
11.2.5 Write Enable (06h)
The Write Enable instruction (Figure 4) sets the Write Enable Latch (WEL) bit in the Status Register to a
1. The WEL bit must be set prior to every Page Program, Sector Erase, Block Erase, Chip Erase and
Write Status Register instruction. The Write Enable instruction is entered by driving /CS low, shifting the
instruction code “06h” into the Data Input (DI) pin on the rising edge of CLK, and then driving /CS high.
Figure 4. Write Enable Instruction Sequence Diagram
11.2.6 Write Disable (04h)
The Write Disable instruction (Figure 5) resets the Write Enable Latch (WEL) bit in the Status Register to
a 0. The Write Disable instruction is entered by driving /CS low, shifting the instruction code “04h” into the
DI pin and then driving /CS high. Note that the WEL bit is automatically reset after Power-up and upon
completion of the Write Status Register, Page Program, Sector Erase, Block Erase and Chip Erase
instructions.
Figure 5. Write Disable Instruction Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com